Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51MB2_MC2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C51MB2_MC2
Description  80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2_MC2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C51MB2_MC2 Datasheet HTML 3Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 4Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 5Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 6Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 7Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 8Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 9Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 10Page - NXP Semiconductors P87C51MB2_MC2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Philips Semiconductors
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family
Product data
Rev. 03 — 13 November 2003
7 of 36
9397 750 12302
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type
Description
P0.0 - P0.7
43 - 36
I/O
Port 0: Port 0 is an open drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also
the multiplexed low-order address and data bus during accesses to external
program and data memory. In this application, it uses strong internal pull-ups
when emitting 1s.
P1.0 - P1.7
2 - 9
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins.
Port 1 pins that have 1s written to them are pulled HIGH by the internal pull-ups
and can be used as inputs. As inputs, port 1 pins that are externally pulled LOW
will source current because of the internal pull-ups.
2
I/O
P1.0, T2
– Timer/Counter 2 external count input/Clock out
3I
P1.1, T2EX
– Timer/Counter 2 Reload/Capture/Direction Control
4I
P1.2, ECI
– External Clock Input to the PCA
5
I/O
P1.3, CEX0
– Capture/Compare External I/O for PCA module 0
6
I/O
P1.4, CEX1
– Capture/Compare External I/O for PCA module 1 (with pull-up on pin)
I/O
MOSI
– SPI Master Out/Slave In (Selected when SPEN (SPCTL.6) is ‘1’, in which
case the pull-up for this pin is disabled)
7
I/O
P1.5, CEX2
– Capture/Compare External I/O for PCA module 2 (with pull-up on pin)
I/O
SPICLK
– SPI Clock (Selected when SPEN (SPCTL.6) is ‘1’, in which case the
pull-up for this pin is disabled)
8
I/O
P1.6, CEX3
– Capture/Compare External I/O for PCA module 3
9
I/O
P1.7, CEX4
– Capture/Compare External I/O for PCA module


Similar Part No. - P87C51MB2_MC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51MB2BA PHILIPS-P87C51MB2BA Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
More results

Similar Description - P87C51MB2_MC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C669 PHILIPS-P89C669 Datasheet
827Kb / 33P
   80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
Rev. 02-13 November 2003
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com