Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3320A Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM3320A
Description  High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3320A Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM3320A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3320A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SM3320A
SEIKO NPC CORPORATION - 4
Electrical Characteristics
DC Characteristics
Recommended operating conditions by standard circuit, unless otherwise noted.
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Current consumption
IDD
OE=0V, No output load
1.5
3.0
mA
VIH1
0.8VDD
Logic input voltage 1
VIL1
DATA,CLK,SE,A0,A1,A2
pins
0.2VDD
V
VIH2
0.8VDD
Logic input voltage 2
VIL2
OE pin
0.2VDD
V
IIH1
1
Logic input current 1
IIL1
DATA,CLK,SE,A0,A1,A2
pins
-1
A
IIH2
10
20
Logic input current 2
IIL2
OE pin, VDD=5.0V
-20
-10
A
Logic output impedance
ZDATA
DATApin, read mode
400
REF output voltage
VREF
Load capacitance < 100pF*1
0.08VDD
0.10VDD
0.12VDD
V
OUT maximum output voltage
VOUTH
0.65VDD
0.70VDD
V
Output impedance
ZO
OUT pin*2
400
1000
*1. If a large load capacitance is connected to REF, the REF voltage may begin to oscillate. Accordingly, the load capacitance connected to the REF output
should be 100pF or lower.
*2. The output impedance ZO is given by the following equation, where V10 is the output voltage for 10kΩ load resistance and V0 is the output voltage with
no load.
ZO= (V0/V10-1)*10 [kΩ]


Similar Part No. - SM3320A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3320AGA NPC-SM3320AGA Datasheet
255Kb / 15P
   Dark current compensation circuit built-in for stable signal output
More results

Similar Description - SM3320A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM3321A NPC-SM3321A Datasheet
229Kb / 9P
   High-sensitivity preamplifier for visible to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
NTE Electronics
NTE1764 NTE-NTE1764 Datasheet
20Kb / 2P
   Integrated Circuit Infrared Preamplifier
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com