Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF740 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF740
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740 Datasheet(HTML) 3 Page - Unisonic Technologies

  UF740_15 Datasheet HTML 1Page - Unisonic Technologies UF740_15 Datasheet HTML 2Page - Unisonic Technologies UF740_15 Datasheet HTML 3Page - Unisonic Technologies UF740_15 Datasheet HTML 4Page - Unisonic Technologies UF740_15 Datasheet HTML 5Page - Unisonic Technologies UF740_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-078. G
ELECTRICAL CHARACTERISTICS (T
C =25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID
= 250μA
400
V
Gate to Threshold Voltage
VGS(THR) VGS = VDS, ID
= 250μA
2.0
4.0
V
On-State Drain Current (Note 1)
ID(ON)
VDS >ID(ON) x RDS(ON)MAX, VGS =10V
10
A
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
VDS=0.8 x Rated BVDSS,
VGS=0V,TJ=125°C
250
μA
Gate to Source Leakage Current
IGSS
VGS = ±20V
±500
nA
Drain to Source On Resistance
RDS(ON) VGS = 10V, ID = 5.2A (Note 1)
0.38
0.55
Ω
Forward Transconductance
gFS
VDS
≥ 50V, ID = 5.2A (Note 1)
5.8
8.9
S
Turn-On Delay Time
tDLY(ON) VDD = 200V, ID
≈ 10A,
RGS
= 9.1Ω, RL = 20Ω, VGS = 10V
MOSFET Switching Times are Essentially
Independent of Operating Temperature
65
75
ns
Rise Time
tR
130
145
ns
Turn-Off Delay Time
tDLY(OFF)
240
260
ns
Fall Time
tF
145
155
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
QG(TOT)
VGS = 10V, ID = 10A, IG(REF) = 1.5mA,
VDS = 0.8 x Rated BVDSS
Gate Charge is Essentially Independent of
Operating Temperature
138
nC
Gate to Source Charge
QGS
35
nC
Gate to Drain “Miller” Charge
QGD
35
nC
Input Capacitance
CISS
VGS = 0V, VDS =25V, f = 1.0MHz
1170
pF
Output Capacitance
COSS
160
pF
Reverse - Transfer Capacitance
CRSS
26
pF
Internal Drain Inductance
LD
Measured From
the Contact Screw
on Tab to Center
of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
G
S
D
LD
LS
3.5
nH
Measured From
the Drain Lead,
6mm (0.25in)
From Package to
Center of Die
4.5
nH
Internal Source Inductance
LS
Measured From
the Source Lead,
6mm (0.25in)
From Header to
Source Bonding
Pad
7.5
nH
SOURCE TO DRAIN DIODE SPECIFICATIONS
Source to Drain Diode Voltage
VSD
TJ = 25°C, ISD = 10A, VGS = 0V (Note 1)
2.0
V
Continuous Source to Drain Current
IS
Modified MOSFET
Symbol Showing
the Integral
Reverse P-N
Junction Diode
G
S
D
10
A
Pulse Source to Drain Current
(Note 2)
ISM
40
A
Reverse Recovery Time
trr
TJ = 25°C, ISD = 10A, dISD
/dt = 100A/μs
170
390
790
ns
Reverse Recovery Charge
QRR
TJ = 25°C, ISD = 10A, dISD
/dt = 100A/μs
1.6
4.5
8.2
μC
Notes: 1. Pulse Test: Pulse width
≤ 300μs, Duty Cycle≤2%.
2. Repetitive rating: Pulse width limited by maximum junction temperature.
3. VDD=50V, starting TJ =25°C, L=9.1mH, RG
=25Ω, peak IAS = 10A


Similar Part No. - UF740_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
More results

Similar Description - UF740_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com