Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF630L-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF630L-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF630L-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UF630L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 6Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 7Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UF630
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-049.J
ELECTRICAL SPECIFICATIONS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
200
V
On-State Drain Current (Note 1)
ID(ON)
VDS > ID(ON) x RDS(ON)MAX,
VGS = 10V
9
A
Drain-Source Leakage Current
IDSS
VDS = Rated BVDSS, VGS = 0V
10
μA
Forward
VGS = 20V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250μA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 5A
0.25
0.4
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
600
pF
Output Capacitance
COSS
250
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
80
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
30
ns
Turn-On Rise Time
tR
50
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
VDD = 90V, ID≈9A, RGS = 9.1Ω,
VGS = 10V, RL = 9.6Ω
(Note 1, 2)
40
ns
Total Gate Charge
QG
19
30
nC
Gate-Source Charge
QGS
10
nC
Gate-Drain Charge
QGD
VGS = 10V, ID = 9A,
VDS = 0.8 x Rated BVDSS
IG(REF) = 1.5mA
9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS = 9.0A
2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
9
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
36
A
Reverse Recovery Time
trr
450
ns
Reverse Recovery Charge
QRR
IS = 9.0A, dIS/dt = 100A/μs
(Note 1)
3
μC
Notes: 1. Pulse Test: Pulse width ≤300μs, Duty cycle≤2%.
Notes: 2. Essentially independent of operating temperature.


Similar Part No. - UF630L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF630L-TA3-T UTC-UF630L-TA3-T Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
UF630L-TA3-T UTC-UF630L-TA3-T Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
More results

Similar Description - UF630L-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com