Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF830G-T2Q-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UF830G-T2Q-T
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-T2Q-T Datasheet(HTML) 9 Page - Unisonic Technologies

  UF830G-T2Q-T Datasheet HTML 1Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 2Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 3Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 4Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 5Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 6Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 7Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 8Page - Unisonic Technologies UF830G-T2Q-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UF830
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-046.I
TYPICAL CHARACTERISTICS (Cont.)
Source to Drain Voltage, VSD (V)
2
4
Source to Drain Diode Voltage
1
3
1
0
10
TJ=125°C
Pulse Duration=80μs
Duty Cycle = 0.5% Max
100
TJ=25°C
2
5
2
5
2
Gate Charge, QG (nC)
16
24
40
Gate to Source Voltage vs. Gate Charge
0
32
8
0
5
10
15
20
ID=4.5A
VDS=100V
VDS=250V
VDS=400V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF830G-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830G-T2Q-T UTC-UF830G-T2Q-T Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results

Similar Description - UF830G-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com