Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM39A16M1 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM39A16M1
Description  Additional Baud Rate Generator for Serial port
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39A16M1 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM39A16M1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39A16M1 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
SM39A16M1
8-Bit Micro-controller
16KB with ISP Flash
& 1K+256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M069
Ver E SM39A16M1 04/20/2015
- 9 -
Page Mode: page1
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
F8
PWMTB
C0
PWMTB
C1
PWMOP
MOD
TBCOUN
TERL
TBCOUN
TERH
FF
F0
B
PERIOD
L
PERIOD
H
SEVTCM
PL
SEVTCM
PH
PWMEN
TAKEY
F7
E8
DEADTI
ME0
DEADTI
ME1
DEADTI
ME2
DEADTI
ME3
PWMSE
V
PWMTB
POST
SCALE
EF
E0
ACC
ISPFAH
ISPFAL
ISPFD
ISPFC
lvC
SWRES
E7
D8
PFCON
FLTCON
FIG
FLTNF
PWMPO
LARITY
OVRIDEDI
S
OVRIDEDA
TA
DF
D0
PSW
DUTY0L
DUTY0H
DUTY1L
DUTY1H
DUTY2L
DUTY2H
DUTY3L
D7
C8
T2CON
DUTY3H
TL2
TH2
CF
C0
IRCON
C7
B8
IEN1
IP1
SRELH
PWMINT
F
PAGESEL
BF
B0
P3
WDTC
WDTK
B7
A8
IEN0
IP0
SRELL
ADCC1
ADCC2
ADCDH
ADCDL
ADCCS
AF
A0
P2
A7
98
SCON
SBUF
IEN2
9F
90
P1
AUX
AUX2
IRCON2
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
IFCON
8F
80
P0
SP
DPL
DPH
DPL1
DPH1
RCON
PCON
87
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex


Similar Part No. - SM39A16M1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM39A MIC-SM39A Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM39A16M1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
logo
Microchip Technology
AY58116 MICROCHIP-AY58116 Datasheet
443Kb / 8P
   Dual Baud Rate Generator
1990
logo
List of Unclassifed Man...
AY5-8116 ETC1-AY5-8116 Datasheet
465Kb / 6P
   DUAL BAUD RATE GENERATOR
logo
UMC Corporation
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
   Baud Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com