Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM39R4051 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM39R4051
Description  One serial peripheral interfaces in full duplex mode
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R4051 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM39R4051 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R4051 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
SM39R4051/SM39R2051
8-Bit Micro-controller
4KB/2KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M055
9
Ver.E SM39R4051 09/2011
Function Description
1. General Features
SM39R4051 is an 8-bit micro-controller。All of its functions and the detailed meanings of SFR will be given in the following
sections。
1.1.
Embedded Flash
The program can be loaded into the embedded 4KB/2KB Flash memory via its writer or In-System Programming (ISP)。
The high-quality Flash has a 100K-write cycle life,suitable for re-programming and data recording as EEPROM。
1.2.
IO Pads
The SM39R4051 has three I/O ports: Port 1, Port 3 and Port 4. Ports 1, 3 are 8-bit ports and Port 4 is a 2-bit port. These
are: quasi-bidirectional (standard 8051 port outputs), push-pull, open drain, and input-only. As description in section 5。
At 20L Package (DIP/SOP),the Int0、Int1、T0、T0 signal can be configured to other I/O as below:
Signal
Default
Option1
Option2
Option3
#INT0
6(P3.2)
2(P3.0)
15(P1.3)
16(P1.4)
#INT1
7(P3.3)
3(P3.1)
14(P1.2)
17(P1.5)
T0
8(P3.4)
14(P1.2)
16(P1.4)
2(P3.0)
T1
9(P3.5)
15(P1.3)
17(P1.5)
3(P3.1)
The RESET Pin Can Be configured as I/O port P3.6,when user use on-chip hardware RESET mechanism。
The XTAL2 and XTAL1 can be configured as I/O port by ICP or in ISP mode,when user use external OSC or on-chip RC
Oscillator is set to main system clock source,show as below:
External OSC
Internal OSC
Xtal1
Xtal1
P4.1
20L package
Xtal2
P4.0
P4.0
All the pins on P1、P3 and P4 are with slew rate adjustment to reduce EMI. The other way to reduce EMI is to disable the
ALE output if unused. This is selected by its SFR. The IO pads can withstand 4KV ESD in human body mode
guaranteeing the SM39R4051’s quality in high electro-static environments.
1.3.
Instruction timing Selection
The conventional 52-series MCUs are 12T, i.e., 12 oscillator clocks per machine cycle. SM39R4051 is a 1T to 8T MCU,
i.e., its machine cycle is one-clock to eight-clock. In the other words, it can execute one instruction within one clock to only
eight clocks.
Mnemonic: CKCON
Address: 8Eh
7
6
5
4
3
2
1
0
Reset
-
ITS
-
-
-
-
10H
ITS: Instruction timing select.
ITS [6:4]
Instruction timing
000
1T mode
001
2T mode (default)
010
3T mode


Similar Part No. - SM39R4051

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
SM39R16A2 SYNCMOS-SM39R16A2 Datasheet
906Kb / 82P
   Dual 16-bit Data Pointers
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
More results

Similar Description - SM39R4051

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R08A3 SYNCMOS-SM39R08A3 Datasheet
1Mb / 88P
   One serial peripheral interfaces in full duplex mode
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
NXP Semiconductors
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
logo
Macronix International
MX25L4006EM1I-12G MCNIX-MX25L4006EM1I-12G Datasheet
1Mb / 52P
   Serial Peripheral Interface compatible --Mode 0 and Mode 3
MX25L12845EMI-10G MCNIX-MX25L12845EMI-10G Datasheet
2Mb / 74P
   ??Serial Peripheral Interface compatible - Mode 0 and Mode 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com