Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW-7582A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FW-7582A
Description  Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7582A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7582A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7582A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
2nd generation Intel® Core® i3-2120, Pentium® G850
and Celeron® G540
3nd generation Intel® Core® i3-3220 and Pentium
G2120 on LGA1155
Chipset
Intel H61
BIOS
AMI BIOS
64Mbit SPI Flash ROM
System
Memory
Technology
Dual-channel DDR3 1066/1333MHz, Non-ECC, Unbuf-
fered
Max. Capacity
16GB
Socket
2 x 240P DIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 and up,
OpenBSD, FreeBSD
Storage
HDD Bays
1 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
6 x GbE RJ45
Bypass
3 Pairs G3
Controllers
6 x Intel 82583V for SKU A,B,C, 82574L for SKU D
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button
Software reset by default
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCI-E*8 expansion
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
3 x cooling fans with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 305 mm
Weight
7 kg
Power
Type / Watts
1U ATX SPS / 220W
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-7582A
MB-7582A + FC-7575 + 220W PSU, Supports 3 pairs
Bypass, CPU up to 65W, 2x CPU FANS, RAM up to
16G
FW-7582B
MB-7582B + FC-7575 + 220W PSU, without Bypass
and Riser card, CPU support up to 65W, 2x CPU FAN,
RAM up to 16G
FW-7582C
MB-7582B + FC-7575 + 220W PSU, w/o LCM, Riser
card or 2.5” & 3.5” HDD tray, without Bypass ; CPU
support up to 65W, 2 x CPU FAN, RAM up to 16G
FW-7582D
MB-7582A + FC-7575 + 220W PSU, Supports 3 pairs
Bypass, Intel 82574L, CPU up to 65W, 2x CPU FANS,
RAM up to 16G
Optional Power Cords
080W240318301
Power Cord (UK 3P/3P)
080W240318304
Power Cord (AU 3P/3P)
080W240318305
Power Cord (EU 3P/2P)
080W240318306
Power Cord (US 3P/3P)
080W240318307
Power Cord (CN 3P/3P)
080W240318310
Power Cord (IND 3P/3P)
Optional Accessories
080W1K1203001
VGA cable
RoHS internal VGA CABLE 12P TO 15P PITCH=2.0mm
30CM HO-BASE
080W120902001
COM cable
RoHS D-Sub 9P male flat cable to IDC 2.54 2x5P
female type L=23CM HO-BASE


Similar Part No. - FW-7582A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7581A ETC2-FW-7581A Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7581B ETC2-FW-7581B Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
More results

Similar Description - FW-7582A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Advantech Co., Ltd.
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
logo
List of Unclassifed Man...
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
FW-7551 LANNER-FW-7551 Datasheet
502Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor (Codenamed ?쏳angeley??
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com