Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8952B Datasheet(PDF) 5 Page - SyncMOS Technologies,Inc

Part # SM8952B
Description  Main Flash ROM 8KB
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952B Datasheet(HTML) 5 Page - SyncMOS Technologies,Inc

  SM8952B Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
SM8952B
8-Bit Micro-controller
8KB Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M077
Ver D SM8952B 08/07/2015
- 5 -
44 Pin PQFP
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
NC
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
NC
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
VDD
AD0/P0.0
AD1/P0.1
AD2/P0.2
AD3/P0.3
13
14
15
12
22
21
20
19
18
17
16
43
44
34
35
36
38
39
40
41
42
37
SM8952B
ihhQP
YWW
(44L PQFP Top View)


Similar Part No. - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8952A SYNCMOS-SM8952A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC25 SYNCMOS-SM8952AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC40 SYNCMOS-SM8952AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AL25 SYNCMOS-SM8952AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

Similar Description - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
logo
Generalplus Technology ...
GPM8F3708B GENERALPLUS-GPM8F3708B Datasheet
2Mb / 85P
   8KB Flash 8051 Microcontroller
logo
List of Unclassifed Man...
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
Generalplus Technology ...
GPM8F3108A GENERALPLUS-GPM8F3108A Datasheet
1Mb / 98P
   44 pin microcontroller with 8KB Flash
logo
List of Unclassifed Man...
C8051F226 ETC-C8051F226 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
SyncMOS Technologies,In...
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
Generalplus Technology ...
GPL81201A GENERALPLUS-GPL81201A Datasheet
473Kb / 14P
   Low Power 84 Dots LCD Controller with 8KB ROM
logo
List of Unclassifed Man...
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com