Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8952B Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

Part # SM8952B
Description  Main Flash ROM 8KB
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952B Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM8952B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SM8952B
8-Bit Micro-controller
8KB Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M077
Ver D SM8952B 08/07/2015
- 10 -
Function Description
1.
General Features
SM8952B is an 8-bit micro-controller. All of its functions and the detailed meanings of SFR will be given in the
following sections.
1.1
Embedded Flash
The program can be loaded into the embedded 8KB Flash memory via its writer.
1.2
IO Pads
The SM8952B has Five I/O ports: Port 0, Port 1, Port 2, Port 3. Port 0~Port 3 are 8-bit ports. These are: quasi-
bidirectional (standard 8051 port outputs) with Port 1~3, and open drain with Port 0.
All the pads are with slew rate to reduce EMI. The IO pads can withstand ESD in human body mode guaranteeing
the SM8952B’s quality in high electro-static environments.
1.3
System Control Register (SCONF)
Mnemonic: SCONF
Address: BFh
7
6
5
4
3
2
1
0
Reset
WDR
-
-
-
-
-
-
ALEI
00H
WDR Watch Dog Timer Reset.
When system reset by Watch Dog Timer overflow, WDR will be set to 1.
User should check WDR bit whenever un-predicted reset happened.
ALEI ALE output inhibit bit.
When default, It can inhibit the clock signal in (Fosc/6) Hz output to the ALE pin.
When set to 1, the ALE pin output will stop to reduce EMI.


Similar Part No. - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8952A SYNCMOS-SM8952A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC25 SYNCMOS-SM8952AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC40 SYNCMOS-SM8952AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AL25 SYNCMOS-SM8952AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

Similar Description - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
logo
Generalplus Technology ...
GPM8F3708B GENERALPLUS-GPM8F3708B Datasheet
2Mb / 85P
   8KB Flash 8051 Microcontroller
logo
List of Unclassifed Man...
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
Generalplus Technology ...
GPM8F3108A GENERALPLUS-GPM8F3108A Datasheet
1Mb / 98P
   44 pin microcontroller with 8KB Flash
logo
List of Unclassifed Man...
C8051F226 ETC-C8051F226 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
SyncMOS Technologies,In...
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
Generalplus Technology ...
GPL81201A GENERALPLUS-GPL81201A Datasheet
473Kb / 14P
   Low Power 84 Dots LCD Controller with 8KB ROM
logo
List of Unclassifed Man...
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com