Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW-8758 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FW-8758
Description  1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8758 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-8758 Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8758 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
Standard 19-inch Rackmount 1U
Platform
Processor Options
2nd generation Intel® Celeron® G540, Pentium® G850,
CoreTM i3-2120, i5-2400, i7-2600 on LGA1155
3rd generation Intel® Pentium® G2120, Core i3-3220,
i5-3550S, i7-3770 on LGA1155
Chipset
Intel H61
BIOS
AMI BIOS
8Mbit SPI Flash ROM
System
Memory
Technology
Dual-Channel, Unbuffered, Non-ECC DDR3
1066/1333MHz
Max. Capacity
16GB
Socket
2 x 240P DIMM
OS Support
Windows 2003, 2008 server, Linux kernel 2.6 and up
Storage
HDD Bays
2 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
6 x GbE RJ45
Bypass
3 pairs G3 (FW-8758A & FW-8758C)
Controllers
6 x Intel 82583V for SKU A,B,C,D, 6 x 82574L for SKU E
Ethernet Modules
Yes
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
Software programmable reset button (Through Pinhole)
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x PCI-E*8 golden finger for Ethernet module or
expansion slot
PCI
N/A
Cooling
Processor
3 x CPU fans with fan duct
System
1 x cooling fan
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 415 mm
Weight
8.2kg
Power
Type / Watts
1U ATX 275W Redundant PSU or 1U ATX 220W Single
PSU
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS
FW-8758A
MB-7582A + FC-8758 + 220W Single PSU+Riser
card, Supports 3 pairs Bypass; CPU up to 95W
and 2x CPU FANS, RAM up to 16G
FW-8758B
MB-7582B + FC-8758 + 220W Single PSU, w/o
Bypass and Riser card; CPU support up to 95W,
2x CPU FAN, RAM up to 16G
FW-8758C
MB-7582A + FC-8758 + 275W Redundant PSU+
Riser card, Support 3 pairs Bypass, CPU support
up to 95W and 2 x CPU FAN, RAM up to 16G
FW-8758D
MB-7582B + FC-8758 + 275W Redundant PSU,
w/o Bypass and Riser card; CPU support up to
95W, 2x CPU FAN, RAM up to 16G
FW-8758E
MB-7582A + FC-8758 + 275W Redundant PSU+
Riser card, Support 3 pairs Bypass, Intel 82574L,
CPU support up to 95W and 2 x CPU FAN, RAM
up to 16G
Optional Power Cords
080W240318301
Power Cord (UK 3P/3P)
080W240318304
Power Cord (AU 3P/3P)
080W240318305
Power Cord (EU 3P/2P)
080W240318306
Power Cord (US 3P/3P)
080W240318307
Power Cord (CN 3P/3P)
080W240318310
Power Cord (IND 3P/3P)
Optional Mounting Brackets
PN9NSFH42Z100
1U STD slide rail
Optional Accessories
0P1W250210205 Optional Power Module DR1V-2250V DC PSU module
RC-87581A
Riser for PCI-E slot (only support G1 signal)
080W2B0801501 Internal K/M cable 8P/6P KB/Mouse Pitch=2.54 CABLE L=150mm
- For Development only


Similar Part No. - FW-8758

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8759 ETC2-FW-8759 Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
FW-8759A ETC2-FW-8759A Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
More results

Similar Description - FW-8758

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343_17 Datasheet
228Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron N3060/N3160 Processor and 4 LANs
NA342R AXIOMTEK-NA342R_17 Datasheet
250Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor J1900 up to 2.42 GHz and 6 LANs
NA343R AXIOMTEK-NA343R_17 Datasheet
213Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor N3160 up to 2.24 GHz and 6 LANs
NA345 AXIOMTEK-NA345_17 Datasheet
394Kb / 1P
   Desktop Network Appliance Platform with Intel Pentium Processor N4200/ Celeron Processor N3350 and 4 LANs
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com