Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC654 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC654 Datasheet HTML 5Page - Microchip Technology TC654 Datasheet HTML 6Page - Microchip Technology TC654 Datasheet HTML 7Page - Microchip Technology TC654 Datasheet HTML 8Page - Microchip Technology TC654 Datasheet HTML 9Page - Microchip Technology TC654 Datasheet HTML 10Page - Microchip Technology TC654 Datasheet HTML 11Page - Microchip Technology TC654 Datasheet HTML 12Page - Microchip Technology TC654 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2002 Microchip Technology Inc.
DS21734A-page 9
TC654/TC655
4.0
DEVICE OPERATION
The TC654 and TC655 devices allow you to control,
monitor and communicate (via SMBus) fan speed for 2-
wire and 3-wire DC brushless fans. By pulse width
modulating (PWM) the voltage across the fan, the
TC654/TC655 controls fan speed according to the sys-
tem temperature.The goal of temperature proportional
fan speed control is to reduce fan power consumption,
increase fan life and reduce system acoustic noise.
With the TC654 and TC655 devices, fan speed can be
controlled by the analog input VIN or the SMBus inter-
face, allowing for high system flexibility.
The TC654 and TC655 also measure and monitor fan
revolutions per minute (RPM). A fan’s speed (RPM) is
a measure of its health. As a fan’s bearings wear out,
the fan slows down and eventually stops (locked rotor).
By monitoring the fan’s RPM level, the TC654/TC655
devices can detect open, shorted, unconnected and
locked rotor fan conditions. The fan speed threshold
can be set to provide a predictive fan failure feature.
This feature can be used to give a system warning and,
in many cases, help to avoid a system thermal shut-
down condition. The fan RPM data and threshold reg-
isters are available over the SMBus interface which
allows for complete system control.
The TC654/TC655 devices are identical in every
aspect except for how they indicate an over-tempera-
ture condition. When VIN voltage exceeds 2.6 V (typi-
cal), both devices will set OTF (bit 5<X>) in the Status
Register to a '1'. The TC655 will additionally pull the
FAULT output low during an over-temperature condi-
tion.
FIGURE 4-1:
Typical Application Circuit.
1
2
3
4
5
6
7
8
9
10
VIN
CF
SCLK
SDA
GND
FAULT
SENSE2
SENSE1
VOUT
VDD
+5 V
FAN
FAN
RISO1
RISO2
RSENSE2
RSENSE1
CSENSE2
CSENSE1
12
NTC Thermistor
R1
R2
C1
0.01 µF
C2
1µF
100 k
Ω @ 25°C
PICmicro®
Microcontroller
+12 V
+5 V
+5 V
+5 V
+5 V
34.8 k
14.7 k
CF
1.0 µF
RSCLK
20 k
RSDA
20 k
715
0.1 µF
0.1 µF
715
RFAULT
20 k
Note: Refer to Table 7-1 for RSENSE1 and RSENSE2 values.
TC654/TC655


Similar Part No. - TC654

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654 MICROCHIP-TC654 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC654 MICROCHIP-TC654 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC654 MICROCHIP-TC654 Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC654EUN MICROCHIP-TC654EUN Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC654EUNT MICROCHIP-TC654EUNT Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
More results

Similar Description - TC654

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
   SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
   PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
   PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
MAX6643 MAXIM-MAX6643 Datasheet
213Kb / 17P
   Automatic PWM Fan-Speed Controllers with Overtemperature Output
19-3305; Rev 2; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com