Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W966K6HB Datasheet(PDF) 4 Page - Winbond

Part # W966K6HB
Description  Low-power features
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W966K6HB Datasheet(HTML) 4 Page - Winbond

  W966K6HB Datasheet HTML 1Page - Winbond W966K6HB Datasheet HTML 2Page - Winbond W966K6HB Datasheet HTML 3Page - Winbond W966K6HB Datasheet HTML 4Page - Winbond W966K6HB Datasheet HTML 5Page - Winbond W966K6HB Datasheet HTML 6Page - Winbond W966K6HB Datasheet HTML 7Page - Winbond W966K6HB Datasheet HTML 8Page - Winbond W966K6HB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
W966K6HB
Publication Release Date: Nov. 07, 2014
Revision: A01-002
- 4 -
1. GENERAL DESCRIPTION
Winbond
CellularRAM™ products are high-speed, CMOS pseudo-static random access memories developed for
low-power, portable applications. The device has a DRAM core organized. These devices include an industry-
standard burst mode Flash interface that dramatically increases read/write bandwidth compared with other low-
power SRAM or Pseudo SRAM offerings.
To operate seamlessly on a burst Flash bus, CellularRAM products incorporate a transparent self refresh
mechanism. The hidden refresh requires no additional support from the system memory controller and has no
significant impact on device READ/WRITE performance.
Two user-accessible control registers define device operation. The Bus Configuration Register (BCR) defines how
the CellularRAM device interacts with the system memory bus and is nearly identical to its counterpart on burst
mode Flash devices. The Refresh Configuration Register (RCR) is used to control how refresh is performed on the
DRAM array. These registers are automatically loaded with default settings during power-up and can be updated
anytime during normal operation.
Special attention has been focused on standby current consumption during self refresh. CellularRAM products
include three mechanisms to minimize standby current. Partial array refresh (PAR) enables the system to limit
refresh to only that part of the DRAM array that contains essential data. Temperature compensated refresh (TCR)
uses an on-chip sensor to adjust the refresh rate to match the device temperature
—the refresh rate decreases at
lower temperatures to minimize current consumption during standby. Deep power-down (DPD) enables the system
to halt the refresh operation altogether when no vital information is stored in the device. The system configurable
refresh mechanisms are accessed through the RCR.
This CellularRAM device is compliant with the industry-standard CellularRAM 1.5 generation feature set established
by the CellularRAM Workgroup. It includes support for both variable and fixed latency, with 3 output-device drive-
strength settings, additional wrap options, and a device ID register (DIDR).
2. FEATURES
• Supports asynchronous, page, and burst operations
• VCC, VCCQ Voltages:
1.7V
–1.95V VCC
1.7V
–1.95V VCCQ
• Random access time: 70ns
• Burst mode READ and WRITE access:
4, 8, 16, or 32 words, or continuous burst
Burst wrap or sequential
Max clock rate: 133 MHz (tCLK = 7.5ns)
• Page mode READ access:
Sixteen-word page size
Interpage READ access: 70ns
Intrapage READ access: 20ns
• Low-power features
On-chip temperature compensated refresh (TCR)
Partial array refresh (PAR)
Deep power-down (DPD) mode
• Package: 54 Ball VFBGA (6mm x8mm)
• Active current (ICC1) < 25mA at 85°C
• Standby current : 200µA (max) at 85°C
• Deep power-down: Typical 10µA
•Operating temperature range:
-40
°C ≤ TCASE ≤ 85°C
3. ORDERING INFORMATION
Part Number
VDD/VDDQ
I/O Width
Type
Others
W966K6HBGX7I
1.8/1.8
x16
54VFBGA
CRAM Non-Mux,133MHz, -40°C~85°C


Similar Part No. - W966K6HB

ManufacturerPart #DatasheetDescription
logo
Winbond
W966D6HBGX7I-TR WINBOND-W966D6HBGX7I-TR Datasheet
80Kb / 1P
   This is a 64M bit CellularRAM??compliant products, organized as 4M word by 16 bite; high-speed, CMOS pseudo-static random access memories developed for low-power, portable applications.
More results

Similar Description - W966K6HB

ManufacturerPart #DatasheetDescription
logo
Winbond
W967D6HB WINBOND-W967D6HB Datasheet
1Mb / 75P
   Low-power features
W957D6HB WINBOND-W957D6HB Datasheet
1Mb / 57P
   Low-power features
W958D6DB WINBOND-W958D6DB Datasheet
1Mb / 57P
   Low-power features
W956K6HB WINBOND-W956K6HB Datasheet
1Mb / 56P
   Low-power features
W956D6HB WINBOND-W956D6HB Datasheet
1Mb / 57P
   Low-power features
W968D6DA WINBOND-W968D6DA Datasheet
1Mb / 75P
   Low-power features
logo
STMicroelectronics
AN4445 STMICROELECTRONICS-AN4445 Datasheet
258Kb / 17P
   STM32L0xx ultra-low power features overview
logo
Vishay Siliconix
IRF710 VISHAY-IRF710_V01 Datasheet
159Kb / 8P
   Power MOSFET FEATURES
01-Jan-2022
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com