Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W989D6KB Datasheet(PDF) 1 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 1 Page - Winbond

  W989D6KB Datasheet HTML 1Page - Winbond W989D6KB Datasheet HTML 2Page - Winbond W989D6KB Datasheet HTML 3Page - Winbond W989D6KB Datasheet HTML 4Page - Winbond W989D6KB Datasheet HTML 5Page - Winbond W989D6KB Datasheet HTML 6Page - Winbond W989D6KB Datasheet HTML 7Page - Winbond W989D6KB Datasheet HTML 8Page - Winbond W989D6KB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 1 -
Revision : A01-003
1. GENERAL DESCRIPTION
The Winbond 512Mb Low Power SDRAM is a low power synchronous memory containing
536,870,912 memory cells fabricated with Winbond high performance process technology.
It is designed to consume less power than the ordinary SDRAM with low power features essential
for applications which use batteries. It is available in two organizations: 4,194,304-words × 4 banks
× 32 bits or 8,388,608 words × 4 banks × 16 bits. The device operates in a fully synchronous
mode, and the output data are synchronized to positive edges of the system clock and is capable
of delivering data at clock rate up to 166MHz. The device supports special low power functions
such as Partial Array Self Refresh (PASR) and Automatic Temperature Compensated Self Refresh
(ATCSR).
The Low Power SDRAM is suitable for 2.5G / 3G cellular phone, PDA, digital still camera, mobile
game consoles and other handheld applications where large memory density and low power
consumption are required. The device operates from 1.8V power supply, and supports the 1.8V
LVCMOS bus interface.
2. FEATURES
Power supply VDD = 1.7V~1.95V
VDDQ = 1.7V~1.95V
Frequency : 166MHz(-6)
Standard Self Refresh Mode
Programmable Partial Array Self Refresh
Power Down Mode
Deep Power Down Mode (DPD)
Programmable output buffer driver strength
Automatic Temperature Compensated Self Refresh
CAS Latency: 2 and 3
Burst Length: 1, 2, 4, 8, and full page
Refresh: refresh cycle 64ms
Interface: LVCMOS
Support package :
54 balls VFBGA (x16)
90 balls VFBGA (x32)
Operating Temperature Range
Extended
(-25°C ~ +85°C)
Industrial
(-40°C ~ +85°C)


Similar Part No. - W989D6KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D6CBGX5G WINBOND-W989D6CBGX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W989D6CBGX6E WINBOND-W989D6CBGX6E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D6CBGX6E WINBOND-W989D6CBGX6E Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W989D6CBGX6G WINBOND-W989D6CBGX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W989D6KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W94AD6KB WINBOND-W94AD6KB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W949D6DB WINBOND-W949D6DB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W989D6DB WINBOND-W989D6DB Datasheet
868Kb / 64P
   Standard Self Refresh Mode
logo
Micross Components
AS4SD8M16 MICROSS-AS4SD8M16 Datasheet
6Mb / 52P
   Self Refresh Mode
logo
Micron Technology
MT4C4001JS MICRON-MT4C4001JS Datasheet
1Mb / 15P
   standard or self refresh
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com