Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-122-08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-122-08
Description  Fiber Optic Connection System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-122-08 Datasheet(HTML) 1 Page - Glenair, Inc.

  180-122-08 Datasheet HTML 1Page - Glenair, Inc. 180-122-08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail:sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-12
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
C
180-122 (08)
GHD • Glenair High Density
Fiber Optic Connection System
D38999 Style Jam Nut Mount Receptacle Connector
Glenair
High
Density
1
HowToOrder
Product
Series
BasicNo.
08=JamNut
Receptacle
(Available only in
Aluminum or
Stainless Steel)
180 - 122 NF 08 - 15 - 16 N
GHD Jam nut mount receptacle connector
.510 Max
Full Mate
Indicator
Master
Keyway
V Flat
Y Thread
.126 Panel
.062 Thickness
Red Color Band
Full Mate Indicator
S Thread
1.280 Max
Alignment Pin
Hole, Large
Alignment Pin
Hole, Small
Ø T
2X U
.890 Max
.579
.555
Z
W Thread
Yellow Color Band
08 - JAM NUT MOUNT RECEPTACLE
MaterialandFinish
(Table I, page C-5)
Jam Nut
Panel Seal
AlternateKeyPosition
perMIL-DTL-38999
A,B,C, D, orE
N = Normal
ShellSize
(Table II,
page C-5)
InsertArrangement
(Table II, Page C-5)


Similar Part No. - 180-122-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-122-05 GLENAIR-180-122-05 Datasheet
283Kb / 2P
   GHD ??Glenair High Density
180-122-06 GLENAIR-180-122-06 Datasheet
439Kb / 2P
   Fiber Optic Connection System
More results

Similar Description - 180-122-08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180-122XW05-11-16A GLENAIR-180-122XW05-11-16A Datasheet
270Kb / 2P
   Fiber Optic Connection System
180-122XWS7-11-16A GLENAIR-180-122XWS7-11-16A Datasheet
244Kb / 2P
   Fiber Optic Connection System
181-047-1250C GLENAIR-181-047-1250C Datasheet
206Kb / 2P
   Fiber Optic Connection System
180-122-06 GLENAIR-180-122-06 Datasheet
439Kb / 2P
   Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
   Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
   Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com