Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2742 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2742 Datasheet(HTML) 1 Page - Texas Instruments

  LM2742_15 Datasheet HTML 1Page - Texas Instruments LM2742_15 Datasheet HTML 2Page - Texas Instruments LM2742_15 Datasheet HTML 3Page - Texas Instruments LM2742_15 Datasheet HTML 4Page - Texas Instruments LM2742_15 Datasheet HTML 5Page - Texas Instruments LM2742_15 Datasheet HTML 6Page - Texas Instruments LM2742_15 Datasheet HTML 7Page - Texas Instruments LM2742_15 Datasheet HTML 8Page - Texas Instruments LM2742_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM2742
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS
SGND
EAO
PGND
+5V
VIN = 3.3V
VO = 1.2V@5A
CO1,2
2200 PF
6.3V, 2.8A
1.5 PH
6.1A, 9.6 m:
Rfb2
CC2
RC1
RCS
CSS
RFADJ
RIN
CIN
D1
CBOOT
Q1
Q2
10 PF
6.3V
10k
2.2k
10k
392k
2.2p
180p
12n
63.4k
2.2 PF
10:
0.1P
CIN1,2
L1
+
CC1
Rfb1
Si4884DY
Si4884DY
LM2742
www.ti.com
SNVS266C – MARCH 2004 – REVISED MARCH 2013
LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Check for Samples: LM2742
1
FEATURES
DESCRIPTION
The LM2742 is a high-speed, synchronous, switching
2
Input Power from 1V to 16V
regulator controller. It is intended to control currents
Output Voltage Adjustable down to 0.6V
of 0.7A to 20A with up to 95% conversion efficiencies.
Power Good Flag, Adjustable Soft-start and
Power up and down sequencing is achieved with the
Output Enable for Easy Power Sequencing
power-good flag, adjustable soft-start and output
enable features. The LM2742 operates from a low-
Reference Accuracy: 1.5% (0°C–125°C)
current 5V bias and can convert from a 1V to 16V
Current Limit Without Sense Resistor
power rail. The part utilizes a fixed-frequency,
Soft Start
voltage-mode, PWM control architecture and the
switching frequency is adjustable from 50kHz to
Switching Frequency from 50 kHz to 2 MHz
2MHz by setting the value of an external resistor.
40ns Typical Minimum On-time
Current limit is achieved by monitoring the voltage
TSSOP-14 Package
drop
across
the
on-resistance
of
the
low-side
MOSFET, which enables on-times on the order of
APPLICATIONS
40ns, one of the best in the industry. The wide range
of operating frequencies gives the power supply
POL Power Supply Modules
designer the flexibility to fine-tune component size,
Cable Modems
cost,
noise
and
efficiency.
The
adaptive,
non-
overlapping MOSFET gate-drivers and high-side
Set-Top Boxes/ Home Gateways
bootstrap
structure
helps
to
further
maximize
DDR Core Power
efficiency. The high-side power FET drain voltage can
High-Efficiency Distributed Power
be from 1V to 16V and the output voltage is
adjustable down to 0.6V.
Local Regulation of Core Power
TYPICAL APPLICATION
Figure 1. Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2742_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results

Similar Description - LM2742_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com