Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3477 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3477
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3477 Datasheet(HTML) 2 Page - Texas Instruments

  LM3477_15 Datasheet HTML 1Page - Texas Instruments LM3477_15 Datasheet HTML 2Page - Texas Instruments LM3477_15 Datasheet HTML 3Page - Texas Instruments LM3477_15 Datasheet HTML 4Page - Texas Instruments LM3477_15 Datasheet HTML 5Page - Texas Instruments LM3477_15 Datasheet HTML 6Page - Texas Instruments LM3477_15 Datasheet HTML 7Page - Texas Instruments LM3477_15 Datasheet HTML 8Page - Texas Instruments LM3477_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ISEN
FB
GND
VIN
CB
SW
DR
LM3477
COMP/SD
CBYP
0.1PF
CBOOT
0.1PF
CSN
0.1PF
DR
FB
CB
SW
GND
VIN
ISEN
LM3477
*RFB1 = RFB2
* (Vout - 1.26)/1.26
1
2
3
4
5
6
7
8
VIN
4.5V - 5.5V
CIN
120PF/20V
RSN
0.02:
Q1
FDC653N
D
30BG100
L
3.3PH
VOUT
2.5V, 3A
RFB1
20.5k
RFB2
20.0k
RC
510
CC1
47nF
COUT
47PF
ceramic
COMP/SD
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit
Figure 1. Typical High Efficiency Step-Down (Buck) Converter
Connection Diagram
Figure 2. 8 Lead (VSSOP-8 Package)
PIN DESCRIPTION
Pin Name
Pin Number
Description
ISEN
1
Current sense input pin. Voltage generated across an external sense resistor is fed into this
pin.
COMP/SD
2
Compensation pin. A resistor-capacitor combination connected to this pin provides
compensation for the control loop. Pull this pin below 0.65V to shutdown.
FB
3
Feedback pin. The output voltage should be adjusted using a resistor divider to provide
1.270V at this pin.
GND
4
Ground pin.
SW
5
Switch Node. Source of the external MOSFET is connected to this node.
DR
6
Drive pin. The gate of the external MOSFET should be connected to this pin.
CB
7
Boot-strap pin. A capacitor must be connected between this pin and SW pin (pin 5) for proper
operation. The voltage developed across this capacitor provides the gate drive for the external
MOSFET.
VIN
8
Power Supply Input pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477


Similar Part No. - LM3477_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3477_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com