Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3524D Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3524D
Description  LM2524D/LM3524D Regulating Pulse Width Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3524D_15 Datasheet HTML 7Page - Texas Instruments LM3524D_15 Datasheet HTML 8Page - Texas Instruments LM3524D_15 Datasheet HTML 9Page - Texas Instruments LM3524D_15 Datasheet HTML 10Page - Texas Instruments LM3524D_15 Datasheet HTML 11Page - Texas Instruments LM3524D_15 Datasheet HTML 12Page - Texas Instruments LM3524D_15 Datasheet HTML 13Page - Texas Instruments LM3524D_15 Datasheet HTML 14Page - Texas Instruments LM3524D_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Figure 15.
The amplifier's inputs have a common-mode input range of 1.5V–5.5V. The on board regulator is useful for
biasing the inputs to within this range.
Current Limiting
The function of the current limit amplifier is to override the error amplifier's output and take control of the pulse
width. The output duty cycle drops to about 25% when a current limit sense voltage of 200 mV is applied
between the +CL and −CLsense terminals. Increasing the sense voltage approximately 5% results in a 0% output
duty cycle. Care should be taken to ensure the
−0.7V to +1.0V input common-mode range is not exceeded.
In most applications, the current limit sense voltage is produced by a current through a sense resistor. The
accuracy of this measurement is limited by the accuracy of the sense resistor, and by a small offset current,
typically 100
μA, flowing from +CL to −CL.
Output Stages
The outputs of the LM3524D are NPN transistors, capable of a maximum current of 200 mA. These transistors
are driven 180° out of phase and have non-committed open collectors and emitters as shown in Figure 16.
Figure 16.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2524D LM3524D


Similar Part No. - LM3524D_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3524DM NSC-LM3524DM Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
logo
Texas Instruments
LM3524DM TI-LM3524DM Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
LM3524DM/NOPB TI-LM3524DM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
LM3524DMX/NOPB TI-LM3524DMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
National Semiconductor ...
LM3524DN NSC-LM3524DN Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
More results

Similar Description - LM3524D_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com