Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25118 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM25118
Description  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25118 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25118_15 Datasheet HTML 2Page - Texas Instruments LM25118_15 Datasheet HTML 3Page - Texas Instruments LM25118_15 Datasheet HTML 4Page - Texas Instruments LM25118_15 Datasheet HTML 5Page - Texas Instruments LM25118_15 Datasheet HTML 6Page - Texas Instruments LM25118_15 Datasheet HTML 7Page - Texas Instruments LM25118_15 Datasheet HTML 8Page - Texas Instruments LM25118_15 Datasheet HTML 9Page - Texas Instruments LM25118_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LM25118, LM25118-Q1
SNVS726D – JULY 2011 – REVISED AUGUST 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, EN, VOUT to GND
–0.3
45
V
VCC, LO, VCCX, UVLO to GND
–0.3
16
V
HB to HS
–0.3
16
V
HO to HS
–0.3
HB+0.3
HS to GND
–4
45
CSG, CS to GND
–0.3
+0.3
RAMP, SS, COMP, FB, SYNC, RT to GND
–0.3
7
Junction Temperature
+150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
V(ESD)
Electrostatic discharge
kV
pins(1)(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable standard is JESD-22-A114-
C.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN(2)
3
42
V
VCC, VCCX
4.75
14
V
Junction Temperature
–40
+125
°C
(1)
Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated
in the Recommended Operating Conditions is not implied. Operating Range conditions indicate the conditions at which the device is
functional and the device should not be operated beyond such conditions. For ensured specifications and conditions, see Electrical
Characteristics.
(2)
VIN
≥ 5.0 V is required to initially start the controller.
6.4 Thermal Information
LM25118(Q1)
THERMAL METRIC(1)
PWP
UNIT
20 PINS
110(2)
RθJA
Junction-to-ambient thermal resistance
40(3)
°C/W
35(4)
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
JEDEC 2-Layer test board (JESD 51-3)
(3)
JEDEC 4-Layer test board (JESD 51-7) with 4 thermal vias under the Exposed Pad
(4)
JEDEC 4-Layer test board (JESD 51-7) with 12 thermal vias under the Exposed Pad
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM25118 LM25118-Q1


Similar Part No. - LM25118_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

Similar Description - LM25118_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com