Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT457_135 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SOT457_135
Description  Tape reel SMD; standard product orientation 12NC ending 135
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT457_135 Datasheet(HTML) 2 Page - NXP Semiconductors

  SOT457_135 Datasheet HTML 1Page - NXP Semiconductors SOT457_135 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NXP Semiconductors
SOT457
Tape reel SMD; standard product orientation 12NC ending 135
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 27 November 2012
Document identifier: SOT457_135
Limited warranty and liability
Information in this document is believed to be accurate and reliable. However, NXP
Semiconductors does not give any representations or warranties, expressed or implied, as
to the accuracy or completeness of such information and shall have no liability for the
consequences of use of such information.
2.
Product orientation
3.
Carrier tape dimensions
Fig 2.
Product orientation in carrier tape
Standard product orientation SOT457 (T1)
direction of feed
Fig 3.
Carrier tape dimensions
Table 2.
Carrier tape dimensions
In accordance with IEC 60286-3.
A0 (mm)
B0 (mm)
K0 (mm)
T (mm)
P1 (mm)
W (mm)
3.2
3.0
1.35
-
4.0
8
K0
mdb579
A0
4
P1
B0
W
direction of feed


Similar Part No. - SOT457_135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT457_115 PHILIPS-SOT457_115 Datasheet
192Kb / 2P
   TSOP6; Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-27 November 2012
SOT457_125 PHILIPS-SOT457_125 Datasheet
192Kb / 2P
   Tape reel SMD; reversed product orientation 12NC ending 125
Rev. 1-27 November 2012
SOT457_165 PHILIPS-SOT457_165 Datasheet
192Kb / 2P
   TSOP6 reel pack reversed product orientation 12NC ending 165
Rev. 1-27 November 2012
More results

Similar Description - SOT457_135

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT502A PHILIPS-SOT502A Datasheet
235Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 135
Rev. 1-30 November 2012
SOT223_135 PHILIPS-SOT223_135 Datasheet
194Kb / 2P
   Tape reel SMD standard product orientation 12NC ending 135
Rev. 1-5 November 2012
SOT539A PHILIPS-SOT539A Datasheet
242Kb / 2P
   CDFM4 Tape reel SMD standard product orientation 12NC ending 135
Rev. 1-29 November 2012
SOT89 PHILIPS-SOT89 Datasheet
184Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-26 November 2012
SOT323 PHILIPS-SOT323 Datasheet
192Kb / 2P
   Tape reel SMD; standard product orientation 12NC ending 115
Rev. 1-14 November 2012
SOT23_215 PHILIPS-SOT23_215 Datasheet
207Kb / 2P
   Tape reel SMD standard product orientation 12NC ending 215
Rev. 1-15 November 2012
SOT163-1_115 PHILIPS-SOT163-1_115 Datasheet
242Kb / 3P
   Tape reel SMD standard product orientation 12NC ending 115
Rev. 1-25 April 2013
SOT428 PHILIPS-SOT428 Datasheet
190Kb / 2P
   Tape reel SMD standard product orientation 12NC ending 118
Rev. 1-22 November 2012
SOT96-1_115 PHILIPS-SOT96-1_115 Datasheet
227Kb / 3P
   Tape reel SMD standard product orientation 12NC ending 115
Rev. 1-23 November 2012
SOT23_235 PHILIPS-SOT23_235 Datasheet
204Kb / 2P
   Tape reel SMD standard product orientation 12NC ending 235
Rev. 2-5 February 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com