Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5087 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # 5087
Description  LVDS Output Oscillator ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5087 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  5087 Datasheet HTML 1Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5087 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
5087 series
SEIKO NPC CORPORATION - 2
PAD LAYOUT
(Unit:
m)
Chip size: 1.20mm×1.10mm
Chip thickness: 180
m , 300m
PAD size: 80
m×80m(PAD No.2, 3, 4, 5, 7, 9 pins)
80
m×150m(PAD No.6, 8 pins)
110
m×80m(PAD No.10, 11 pins)
80
m×134m(PAD No.1 pin)
Chip base: GND potential
1
23
4
5
6
7
8
9
10
11
VCC1
XIN XOUT GND1
GND2
OE
VCC2
OUTN
OUT
(0,0)
(-600,-550)
(600,550)
X
Y
VCC1
VCC2
PIN DESCRIPTION and PAD COORDINATES
PAD coordinate [
m]
No.
Name
i/o
*1
Function
X
Y
1
VCC1*2
-
-395
-424
2
VCC1*2
-
(+) supply pin (for oscillation circuit)
-290
-440
3
XIN
i
Oscillator input pin
-72
-440
4
XOUT
o
Oscillator output pin
107
-440
5
GND1*3
-
(-) ground pin (for oscillation circuit)
290
-440
6
GND2*3
-
(-) ground pin (for all circuits excluding oscillation circuit)
395
-440
7
OE
i
Output enable pin. Outputs are high impedance when LOW
(oscillator stopped). Power-saving pull-up resistor built-in.
377
440
8
VCC2*2
-
190
440
9
VCC2*2
-
(+) supply pin (for all circuits excluding oscillation circuit)
85
440
10
OUTN
o
LVDS complementary output pin. Disable: High impedance
-114
440
11
OUT
o
LVDS output pin. Disable: High impedance
-380
440
*1. i: input, o: output
*2. Connect both of pins by wire-bonding for good characteristics.
*3. GND1 and GND2 pins should be connected by wire-bonding since they are disconnected.


Similar Part No. - 5087

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5087 KSS-5087 Datasheet
441Kb / 4P
   Board to Board Connector
logo
Aavid, Thermal Division...
508700B00000G AAVID-508700B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
508700B00000G AAVID-508700B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
List of Unclassifed Man...
50871 ETC2-50871 Datasheet
30Kb / 1P
   Miniature Spring Sockets
50871-1 ETC2-50871-1 Datasheet
30Kb / 1P
   Miniature Spring Sockets
More results

Similar Description - 5087

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
   2.5V LVDS Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
   2.5V LVDS Output Oscillator ICs
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
   2.5V LVPECL Output Oscillator ICs
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
5059H NPC-5059H Datasheet
558Kb / 11P
   32kHz output Crystal Oscillator Module ICs
logo
Epson Company
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
   3.3V Low Jitter Oscillator with LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com