Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5087B2 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # 5087B2
Description  LVDS Output Oscillator ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5087B2 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button 5087B2 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5087B2 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5087 series
SEIKO NPC CORPORATION - 6
2.5V operation
VDD=2.375 to 2.625V, GND=0V, Ta= -40 to +85°C unless otherwise noted.
Rating
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Current consumption
ICC
Measurement circuit 1, OE=Open
47
68
mA
Standby current
ISTB
Measurement circuit 1, OE=Low
30
A
High-level output voltage
VOH
1.43
1.6
V
Low-level output voltage
VOL
Measurement circuit 2, OE=Open, RL=100Ω
OUT/OUTN pins
0.9
1.1
V
Differential output voltage
VOD
247
330
454
mV
Differential output voltage error
ΔVOD
Measurement circuit 2, OE=Open, RL=100Ω
OUT/OUTN pins
50
mV
Offset voltage
VOS
1.125
1.25
1.375
V
Offset voltage error
ΔVOS
Measurement circuit 2, OE=Open, RL=100Ω
OUT/OUTN pins
50
mV
Output leakage current
IZ
Measurement circuit 3, SW=High or Low
OE=Low,OUT/OUTN pins
10
A
High-level input voltage
VIH
Measurement circuit 1, OE pin
0.7VCC
V
Low-level input voltage
VIL
Measurement circuit 1, OE pin
0.3VCC
V
High-level input current
IIH
*1
Measurement circuit 1, VIN=0.7Vcc,OE pin
-10
-70
A
Low-level input current
IIL
*1
Measurement circuit 1, VIN=0V,OE pin
-1
-15
A
5087Ax
1.70
2.00
2.30
CIN
5087Bx
0.85
1.00
1.15
5087Ax
3.40
4.00
4.60
Oscillation capacitors
COUT
Design value (a monitor pattern on a
wafer is tested),
Excluding parasitic capacitance.
5087Bx
0.85
1.00
1.15
pF
*1.Asign means the direction of current flows and the MAX value is defined as the largest absolute value.


Similar Part No. - 5087B2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5087 KSS-5087 Datasheet
441Kb / 4P
   Board to Board Connector
logo
Aavid, Thermal Division...
508700B00000G AAVID-508700B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
508700B00000G AAVID-508700B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
List of Unclassifed Man...
50871 ETC2-50871 Datasheet
30Kb / 1P
   Miniature Spring Sockets
50871-1 ETC2-50871-1 Datasheet
30Kb / 1P
   Miniature Spring Sockets
More results

Similar Description - 5087B2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
   2.5V LVDS Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
   2.5V LVDS Output Oscillator ICs
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
   2.5V LVPECL Output Oscillator ICs
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
   350MHz PECL-output Oscillator ICs
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
5059H NPC-5059H Datasheet
558Kb / 11P
   32kHz output Crystal Oscillator Module ICs
logo
Epson Company
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
logo
New Japan Radio
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
   LVDS-output Quartz Crystal Oscillator IC
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
   3.3V Low Jitter Oscillator with LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com