Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3VNA1804 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3VNA1804
Description  Designed for use as VNA Test Port extenders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3VNA1804 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3VNA1804 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3VNA1804 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3VNA1804 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3VNA1804 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3VNA1804 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Female
• Cable Type: PE-VNA-R
Features
• Designed for use as VNA Test Port extenders
• Excellent VSWR and Insertion Loss
• Stainless Steel Armoring provides crush resistance
• Non Conductive protective outer sleeve
• Torsion resistant connector heads
• Rugged connector interface with machined strain relief
collar
Excellent Amplitude and Phase stability with flexure
• Each Serialized assembly comes with test data
• In stock and ready to ship
Applications
• Vector Network Analyzer Test port
extenders
• Precise Bench top testing
• Lab and Production testing
.
Description
Pasternack ruggedized VNA Test Cables are designed to provide customers with repeatable accurate VNA measurements.
These Test cables have excellent electrical properties including low Insertion Loss, low VSWR and phase stability of +/- 2°
with flexure. Torsion resistant connector heads are directly attached to stainless steel conduit style armoring providing a rug-
ged design for up to 5,000 mattings cycles with proper care. The cable armoring enhances amplitude and phase stability by
preventing stress due to over bending while maintaining the flexibility required for testing in a lab environment. When used
with the appropriate calibration KIT these test cables effectively extend the test port of the VNA allowing for accurate measure-
ments of devices that cannot be directly connected to a Network Analyzer test port.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Velocity of Propagation
70
%
RF Shielding
90
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Phase Stability with Flexure
±2
Degrees
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Cable Using Ruggedized VNA Test Coax, RoHS PE3VNA1804
PE3VNA1804 REV 1.0
VNA Ruggedized Test Cable N Male to N Female 18GHz, RoHS
RF Cable Assemblies - PE3VNA1804


Similar Part No. - PE3VNA1804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3VNA1804-24 PASTERNACK-PE3VNA1804-24 Datasheet
476Kb / 5P
   VNA Ruggedized Test Cable N Male to N
PE3VNA1804-48 PASTERNACK-PE3VNA1804-48 Datasheet
477Kb / 5P
   VNA Ruggedized Test Cable N Male to N
More results

Similar Description - PE3VNA1804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3VNA2605 PASTERNACK-PE3VNA2605 Datasheet
446Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA1803 PASTERNACK-PE3VNA1803 Datasheet
468Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA2603 PASTERNACK-PE3VNA2603 Datasheet
448Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA2606 PASTERNACK-PE3VNA2606 Datasheet
449Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA4002 PASTERNACK-PE3VNA4002 Datasheet
463Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA2604 PASTERNACK-PE3VNA2604 Datasheet
453Kb / 5P
   Designed for use as VNA Test Port extenders
PE3VNA4001 PASTERNACK-PE3VNA4001 Datasheet
453Kb / 5P
   Designed for use as VNA Test Port extenders
PE44485 PASTERNACK-PE44485 Datasheet
84Kb / 1P
   N MALE FOR PE310 VNA TEST CABLE
PE44484 PASTERNACK-PE44484 Datasheet
104Kb / 1P
   PRECISION 7mm FOR PE310 VNA TEST CABLE
PE44486 PASTERNACK-PE44486 Datasheet
217Kb / 1P
   N FEMALE FOR PE310 VNA TEST CABLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com