Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM001 Datasheet(PDF) 10 Page - Pasternack Enterprises, Inc.

Part # PEM001
Description  60 GHz Transmitter Tx Waveguide Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM001 Datasheet(HTML) 10 Page - Pasternack Enterprises, Inc.

Back Button PEM001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 14Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
TECHNICAL DATA SHEET
PEM001
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM001
PEM001 REV
Digital Control Registers and Serial Interface Protocol - Read Operation
Figure 6 shows the sequence of control signals at the ENABLE, CLOCK and DATA pins to read a single byte at a register
location. A read operation requires a 27 bit field: The first 18 bits are used to clock in the bits on the DATA input pin. The first 8
bits during a read operation are “don’t care” bits as they are placeholders for the 8-bit byte data which would be present during
a write operation. The following 10 bits are composed of the byte address (BYTE 0 through BYTE 15, 000000 to 001111, LSB
first, only 4 of the 6 bits are used with the two MSBs set to 0), the read/write (R/W) bit (read = 0), and the module address which
distinguishes between a transmitter module and receiver module (for the PEM001 transmitter, TX module = 110, LSB first).
After clock pulse 17 (18 total pulses), the ENABLE signal is returned to a high state while the clock signal is low, then a single
clock pulse (pulse 18) is sent during the ENABLE signal high period. The ENABLE signal then returns to the low state while
the CLOCK signal is low. At each of the subsequent 8 CLOCK pulses, the 8-bit data from the specified register location is
available at the SCANOUT pin, LSB first. Note that the DATA signal must remain in the low state during the period from clock
pulse 18 through 26. Following clock pulse 26, the ENABLE signal goes high while the CLOCK signal is low to end the read
operation.
ENABLE
CLOCK
0
1
2
17
DATA
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17
SCAN OUT
0
1
2
3
4
5
6
7
26
Read Data
18
Data
Byte Address
R/W TX/RX Module
Figure 6 Read Operation Timing Diagram


Similar Part No. - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM010 PASTERNACK-PEM010 Datasheet
1Mb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
   60 GHz Receiver (Rx) Waveguide Module
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
   60 GHz Receiver Rx Waveguide Module
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
   2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
   60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
   0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
   WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
logo
API Technologies Corp
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
   39 GHz Waveguide Diplexer
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
   25 GHz Waveguide Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com