Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1350AAQM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM1350AAQM
Description  High Tone Quality Melody IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350AAQM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM1350AAQM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350AAQM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SM1350AAQM
High Tone Quality Melody IC
SEIKO NPC CORPORATION - 1
OVERVIEW
The SM1350AAQM is single-chip high tone quality melody IC, fabricated using NPC’s Molybdenum-gate CMOS
process. Melodies are selected in serial or binary (parallel) mode, 6 programmable melodies are stored, and the high
tone quality melody is output by how to specify the user. It is making this IC ideal for mechanical clocks and similar
applications where high tone quality output is demanded.
FEATURES
PINOUT
■ Basic Functions
(Top view)
• 4.0MHz oscillator frequency
• Power-save function
- Oscillator stopped when no output
- S0 to S3, MODE, LH pull-up resistors open
• A-class output
• Chattering prevention circuit (STN, STOP, S0 to S3)
• 10-bit D/A converter current-summing
■ Sound Generator Functions
• DWS (dual wave synthesis) sound generators
• 4 simultaneous sounds for 4 tones
■ Melody Functions
• 6 programmable melodies
• Level hold/one-shot melody modes
• Serial/binary (parallel) select modes
PACKAGE DIMENSIONS
■ Control Signal Outputs
(Unit : mm)
VDD
S0
S1
S2
S3
MODE
LH
STOP
STN
BUSYN
CT
ICN
XT
XTN
TO
T3N
T2N
T1N
ENDN
EBUSYIN
SP
SPN
VOL
VSS
1
12
13
24
• BUSYN signal : LOW during melody output
• CT signal : pulse output synchronizing with selected
notes or rests
■ 2.4 to 5.5V supply voltage
■ Molybdenum-gate CMOS
■ Package : 24-pin SSOP
ORDERING INFOMATION
Device
Package
SM1350AAQM
24 pin SSOP


Similar Part No. - SM1350AAQM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
More results

Similar Description - SM1350AAQM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
   High Tone Quality Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
   High Tone Quality Melody LSI
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com