Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5309B Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5309B
Description  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5309B Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5309B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5309B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SM5309B
SEIKO NPC CORPORATION —3
PIN DESCRIPTION
Number
Name
I/O*1
*1. I: input, O: output
A/D*2
*2. A: analog, D: digital
Description
1
IN1A
I
A
Video signal input (CH-1, input A)
2
IN1B
I
A
Video signal input (CH-1, input B)
3
GND
A
Ground
4
ISET
A
Internal current-setting resistor (RISET) connection (standard 1.8kΩ)
5
NC
No connection
6
IN2A
I
A
Video signal input (CH-2, input A)
7
IN2B
I
A
Video signal input (CH-2, input B)
8
VCC
A
Analog supply
9
IN3A
I
A
Video signal input (CH-3, input A)
10
IN3B
I
A
Video signal input (CH-3, input B)
11
MUXSEL
I
D
Input multiplexer switch control
L (GND): INnA select
H (VCC): INnB select
12
SCL
I
D
I2C-BUS clock signal input
13
SDA
I/O
D
I2C-BUS data signal input/output
14
VDD
DI2C-BUS interface supply
15
GND
A
Ground
16
OUT3
O
A
Video signal output (CH-3)
17
VCC
A
Analog supply
18
OUT2
O
A
Video signal output (CH-2)
19
GND
A
Ground
20
OUT1
O
A
Video signal output (CH-1)
21
VCC
A
Analog supply
22
REF2
O
A
Internal reference voltage 2
23
REF1
O
A
Internal reference voltage 1
24
ADS
I
D
I2C-BUS slave address select (3-state input)
L (GND): 90h
H (VCC): 92h
Open: 94h


Similar Part No. - SM5309B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
More results

Similar Description - SM5309B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
   Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com