Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N60
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  1N60_15 Datasheet HTML 1Page - Unisonic Technologies 1N60_15 Datasheet HTML 2Page - Unisonic Technologies 1N60_15 Datasheet HTML 3Page - Unisonic Technologies 1N60_15 Datasheet HTML 4Page - Unisonic Technologies 1N60_15 Datasheet HTML 5Page - Unisonic Technologies 1N60_15 Datasheet HTML 6Page - Unisonic Technologies 1N60_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-052.N
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
1N60G-AA3-R
SOT-223
G
D
S
Tape Reel
1N60L-TA3-T
1N60G-TA3-T
TO-220
G
D
S
Tube
1N60L-TF2-T
1N60G-TF2-T
TO-220F2
G
D
S
Tube
1N60L-TF3-T
1N60G-TF3-T
TO-220F
G
D
S
Tube
1N60L-TM3-T
1N60G-TM3-T
TO-251
G
D
S
Tube
1N60L-TMS-T
1N60G-TMS-T
TO-251S
G
D
S
Tube
1N60L-TMS2-T
1N60G-TMS2-T
TO-251S2
G
D
S
Tube
1N60L-TMS4-T
1N60G-TMS4-T
TO-251S4
G
D
S
Tube
1N60L-TN3-R
1N60G-TN3-R
TO-252
G
D
S
Tape Reel
1N60L-TND-R
1N60G-TND-R
TO-252D
G
D
S
Tape Reel
1N60L-T60-K
1N60G-T60-K
TO-126
G
D
S
Bulk
1N60L-T92-B
1N60G-T92-B
TO-92
G
D
S
Tape Box
1N60L-T92-K
1N60G-T92-K
TO-92
G
D
S
Bulk
Note: Pin Assignment: G: Gate
D: Drain S: Source
MARKING
PACKAGE
MARKING
SOT-223
TO-220
TO-220F
TO-220F2
TO-251
TO-251S
TO-251S2
TO-251S4
TO-252
TO-252D
TO-126
TO-92


Similar Part No. - 1N60_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6001 MICROSEMI-1N6001 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N6001 MICROSEMI-1N6001 Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N6001 NJSEMI-1N6001 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N6001 DIGITRON-1N6001 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6001 MICROSEMI-1N6001 Datasheet
235Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Similar Description - 1N60_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com