Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N65AL-T92-B Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N65AL-T92-B
Description  N-CHANNEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65AL-T92-B Datasheet(HTML) 4 Page - Unisonic Technologies

  1N65AL-T92-B Datasheet HTML 1Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 2Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 3Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 4Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 5Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 6Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 7Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 8Page - Unisonic Technologies 1N65AL-T92-B Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1N65A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-584.C
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650V, VGS = 0V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 20V, VDS = 0V
100
nA
Reverse
VGS = -20V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ ID =250mA,referenced to 25°C
0.4
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 0.5A
11.5 15.5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1MHz
100
pF
Output Capacitance
COSS
20
pF
Reverse Transfer Capacitance
CRSS
3
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
VDD=325V, ID=0.5A,
RG=5Ω (Note 1,2)
12
34
ns
Turn-On Rise Time
tR
11
32
ns
Turn-Off Delay Time
tD (OFF)
40
90
ns
Turn-Off Fall Time
tF
18
46
ns
Total Gate Charge
QG
VDS=520V, VGS=10V,
ID=0.8A (Note 1,2)
8
10
nC
Gate-Source Charge
QGS
1.8
nC
Gate-Drain Charge
QGD
4.0
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, ISD = 1.2A
1.6
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.8
A
Reverse Recovery Time
trr
VGS=0V, ISD = 1.2A
di/dt = 100A/μs
136
ns
Reverse Recovery Charge
QRR
0.3
μC
Note: 1. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
2. Essentially independent of operating temperature


Similar Part No. - 1N65AL-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65AL-T92-B UTC-1N65AL-T92-B Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 1N65AL-T92-B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com