Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60L-TM3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N60L-TM3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60L-TM3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  1N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies 1N60L-TM3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-052.N
ABSOLUTE MAXIMUM RATINGS (T
C = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
1.2
A
Continuous Drain Current
ID
1.2
A
Pulsed Drain Current (Note 2)
IDM
4.8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
50
mJ
Repetitive (Note 2)
EAR
4.0
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
SOT-223
PD
8
W
TO-251/TO-252
TO-252D/TO-251S
TO-251S2/ TO-251S4
28
TO-220
40
TO-220F
21
TO-220F2
23
TO-92(TA=25°С)
1
TO-126
12.5
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 60mH, IAS = 1A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 1.2A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
150
°С/W
TO-251/TO-252
TO-252D/TO-251S
TO-251S2/ TO-251S4
110
TO-220/TO-220F
62.5
TO-220F2
62.5
TO-92
140
TO-126
132
Junction to Case
SOT-223
θJc
14
°С/W
TO-251/TO-252
TO-252D/TO-251S
TO-251S2/ TO-251S4
4.53
TO-220
3.13
TO-220F
5.95
TO-220F2
5.43
TO-92
80
TO-126
10


Similar Part No. - 1N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-TM3-T UTC-1N60L-TM3-T Datasheet
267Kb / 7P
   N-CHANNEL ENHANCEMENT
logo
ARTSCHIP ELECTRONICS CO...
1N60L-TM3-T ARTSCHIP-1N60L-TM3-T Datasheet
395Kb / 8P
   N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
1N60L-TM3-T VBSEMI-1N60L-TM3-T Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 1N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com