Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N65L-T60-K Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N65L-T60-K
Description  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-T60-K Datasheet(HTML) 5 Page - Unisonic Technologies

  3N65L-T60-K Datasheet HTML 1Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 2Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 3Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 4Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 5Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 6Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 7Page - Unisonic Technologies 3N65L-T60-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-590.F
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 3N65L-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65L-TA3-T UTC-3N65L-TA3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65L-TA3-T UTC-3N65L-TA3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65L-TA3-T VBSEMI-3N65L-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
3N65L-TF1-T UTC-3N65L-TF1-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65L-TF1-T UTC-3N65L-TF1-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N65L-T60-K

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com