Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N60L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5N60L-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N60L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  5N60L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 6Page - Unisonic Technologies 5N60L-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-065.M
MARKING
TO-220 / TO-220F / TO-220F1 / TO-220F2
TO-220F3 / TO-251 / TO-252
DFN-8(5×6)


Similar Part No. - 5N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
151Kb / 6P
   4.5 Amps, 600 Volts N-CHANNEL MOSFET
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N60L-TA3-T VBSEMI-5N60L-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 5N60L-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com