Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N65G-TF3T-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 5N65G-TF3T-T
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N65G-TF3T-T Datasheet(HTML) 5 Page - Unisonic Technologies

  5N65G-TF3T-T Datasheet HTML 1Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 2Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 3Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 4Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 5Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 6Page - Unisonic Technologies 5N65G-TF3T-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-592.D
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 5N65G-TF3T-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65G-TF3-T UTC-5N65G-TF3-T Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 5N65G-TF3T-T

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com