Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N90 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7N90
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N90 Datasheet(HTML) 4 Page - Unisonic Technologies

  7N90_15 Datasheet HTML 1Page - Unisonic Technologies 7N90_15 Datasheet HTML 2Page - Unisonic Technologies 7N90_15 Datasheet HTML 3Page - Unisonic Technologies 7N90_15 Datasheet HTML 4Page - Unisonic Technologies 7N90_15 Datasheet HTML 5Page - Unisonic Technologies 7N90_15 Datasheet HTML 6Page - Unisonic Technologies 7N90_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-475.H
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
900
V
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ ID=250μA,Referenced to 25°C
0.96
V/°C
Drain-Source Leakage Current
IDSS
VDS=900V, VGS=0V
10
µA
VDS=720V, TC=125°C
100
µA
Gate-Source Leakage Current
Forward
IGSS
VDS=0V ,VGS=30V
100
nA
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.5A
1.5
1.8
Forward Transconductance
gFS
VDS=50V, ID=3.5A (Note 4)
5.7
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V,VGS=0V, f=1.0MHz
1440 1880
pF
Output Capacitance
COSS
140
185
pF
Reverse Transfer Capacitance
CRSS
17
23
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=1A,
RG=25Ω (Note 4,5)
90
ns
Turn-ON Rise Time
tR
100
ns
Turn-OFF Delay Time
tD(OFF)
260
ns
Turn-OFF Fall Time
tF
140
ns
Total Gate Charge
QG
VDS=120V, VGS=10V,
ID=11A (Note 4,5)
160
nC
Gate-Source Charge
QGS
15
nC
Gate-Drain Charge
QGD
35
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6.4
A
Maximum Body-Diode Pulsed Current
ISM
25.6
A
Drain-Source Diode Forward Voltage
VSD
IS =7.0A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
VGS=0V, IS=7.0A,
dIF/dt=100A/μs (Note 4)
400
ns
Body Diode Reverse Recovery Charge
QRR
4.3
μC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 7N90_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
More results

Similar Description - 7N90_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com