Electronic Components Datasheet Search |
|
11N90G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies |
|
11N90G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 7 page UNISONIC TECHNOLOGIES CO., LTD 11N90 Power MOSFET www.unisonic.com.tw 1 of 7 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R502-497.E 11 Amps, 900 Volts N-CHANNEL POWER MOSFET DESCRIPTION The UTC 11N90 is an N-channel enhancement mode Power FET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology specializes in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC 11N90 is universally applied in high efficiency switch mode power supply, FEATURES * RDS(on) < 1.1Ω @ VGS = 10V, ID = 5.5A * High switching speed * Improved dv/dt capability * 100% avalanche tested SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 11N90L-TA3-T 11N90G-TA3-T TO-220 G D S Tube 11N90L-TF1-T 11N90G-TF1-T TO-220F1 G D S Tube 11N90L-TF2-T 11N90G-TF2-T TO-220F2 G D S Tube 11N90L-T3P-T 11N90G-T3P-T TO-3P G D S Tube 11N90L-T3N-T 11N90G-T3N-T TO-3PN G D S Tube Note: Pin Assignment: G: Gate D: Drain S: Source 11N90L-TA3-T (1) Packing Type (2) Package Type (3) Green Package (1) T: Tube (2) TA3: TO-220, TF1: TO-220F1, TF2: TO-220F2 T3P: TO-3P, T3N: TO-3PN (3) L: Lead Free, G: Halogen Free and Lead Free |
Similar Part No. - 11N90G-TA3-T |
|
Similar Description - 11N90G-TA3-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |