Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18N40L-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 18N40L-TF1-T
Description  N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N40L-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  18N40L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 18N40L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 18N40L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 18N40L-TF1-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
18N40
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-389.F
18A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 18N40 is a 400V N-channel power MOSFET, providing
customers with perfect RDS(ON), low gate charge and operation with
low gate voltages.
The UTC 18N40 is generally used as a load switch or applied in
PWM applications.
FEATURES
* RDS(ON) ≤ 0.24Ω @VGS = 10V
* Fast Switching Speed
* Avalanche Energy Specified
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen-Free
1
2
3
18N40L-TA3-T
18N40G-TA3-T
TO-220
G
D
S
Tube
18N40L-TF1-T
18N40G-TF1-T
TO-220F1
G
D
S
Tube
18N40L-TF2-T
18N40G-TF2-T
TO-220F2
G
D
S
Tube
18N40L-T47-T
18N40G-T47-T
TO-247
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-220
TO-220F1
TO-220F2
TO-247


Similar Part No. - 18N40L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N40L-TF1-T UTC-18N40L-TF1-T Datasheet
151Kb / 4P
   18A, 400V N-CHANNEL POWER MOSFET
More results

Similar Description - 18N40L-TF1-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com