Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCM0603B Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCM0603B
Description  Value applying Rated Voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCM0603B Datasheet(HTML) 1 Page - JL World Company Limited.

  HCM0603B Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Characteristics Response
Measuring Temperature : 25°C
Measuring Distance : 10cm
HCM06B
Series
Electro-Magnetic Sound Generators
Dimensions
Unit : mm
Tolerance : ±0.3mm
Specification (all data taken at 25°C unless otherwise specified)
Model
HCM0603B
Operating
Temperature
(°C)
-20 ~ +70
*Sound Pressure
Level at 10cm
(dB)
≥72
Rated
Voltage
(VDC)
3.6
Operating
Voltage
(VDC)
2 ~ 5
*Rated
Current
(mA)
≤80
Rated
Frequency
(Hz)
3200
Storage
Temperature
(°C)
-30 ~ +80
Weight
(g)
0.3
*Value Applying Rated Voltage, Rated Frequency, 50% Duty Square Wave
Coil
Resistance
(Ω)
18 ± 2


Similar Part No. - HCM0603B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM0603A JLWORLD-HCM0603A Datasheet
52Kb / 1P
   Electro-Magnetic Sound Generators
More results

Similar Description - HCM0603B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
   value applying rated voltage
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
   Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
   Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
   Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
   Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
   Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
   Value Applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
   Value applying Rated Voltage
HCM12A JLWORLD-HCM12A Datasheet
71Kb / 1P
   Value applying Rated Voltage
HCS05G JLWORLD-HCS05G Datasheet
828Kb / 1P
   Value applying Rated Voltage
HPS09A JLWORLD-HPS09A Datasheet
586Kb / 1P
   Value Applying Rated Voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com