Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC651AEVUA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC651AEVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651AEVUA Datasheet(HTML) 4 Page - Microchip Technology

  TC651AEVUA Datasheet HTML 1Page - Microchip Technology TC651AEVUA Datasheet HTML 2Page - Microchip Technology TC651AEVUA Datasheet HTML 3Page - Microchip Technology TC651AEVUA Datasheet HTML 4Page - Microchip Technology TC651AEVUA Datasheet HTML 5Page - Microchip Technology TC651AEVUA Datasheet HTML 6Page - Microchip Technology TC651AEVUA Datasheet HTML 7Page - Microchip Technology TC651AEVUA Datasheet HTML 8Page - Microchip Technology TC651AEVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC650/TC651
DS21450B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP)
(8-Pin SOIC)
Symbol
Description
1VDD
Power Supply Input. May be independent of fan power supply.
2
NC
No Internal Connect.
3
SHDN
Fan Shutdown, Active-Low Input. During Shutdown mode the chip still monitors temper-
ature and TOVER is low if temperature rises above factory set point.
4
GND
Ground. Ground return for all TC650/TC651 functions.
5
NC
No Connect.
6TOVER
Over-Temperature Alert, Active-Low Output.
7
GND
Ground.
8
PWM
PWM Fan Drive Output. Pulse width modulated rail-to-rail logic output. Nominal
Frequency is 15Hz.


Similar Part No. - TC651AEVUA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TC651AEV STMICROELECTRONICS-TC651AEV Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
More results

Similar Description - TC651AEVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com