Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N40L-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 15N40L-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N40L-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  15N40L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 15N40L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 15N40L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 15N40L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 15N40L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 15N40L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-633.b
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V, TJ=25°C
400
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25°C, ID=250µA
0.5
V/°C
VDS=400V, VGS=0V,
1
µA
Drain-Source Leakage Current
IDSS
VDS=320V, TC=125°C
10
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V , VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.5A
0.26 0.35
DYNAMIC PARAMETERS
Input Capacitance
CISS
1310 1750 pF
Output Capacitance
COSS
210 280
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
17
25
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
28
36
nC
Gate to Source Charge
QGS
8
nC
Gate to Drain ("Miller") Charge
QGD
VDS=320V, VGS=10V, ID=15A
(Note 1, 2)
12
nC
Turn-ON Delay Time
tD(ON)
26
62
ns
Rise Time
tR
55
120
ns
Turn-OFF Delay Time
tD(OFF)
72
154
ns
Fall-Time
tF
VDD=200V, ID=15A, RG=25Ω
(Note 1, 2)
40
90
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
15
A
Maximum Body-Diode Pulsed Current
ISM
60
A
Drain-Source Diode Forward Voltage
VSD
ISD=15A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
333
ns
Body Diode Reverse Recovery Charge
QRR
ISD=15A, VGS=0V, dIF/dt=100A/µs
(Note 1)
3.24
µC
Notes: 1. Pulse Test: Pulse width≤300µs; Duty Cycle≤2%.
2. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - 15N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40L-TA3-T UTC-15N40L-TA3-T Datasheet
220Kb / 6P
   15A, 400V N-CHANNEL POWER MOSFET
More results

Similar Description - 15N40L-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com