Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N90L-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N90L-TF3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N90L-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  5N90L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 5N90L-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N90
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-499.H
5A, 900V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N90 is a N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar
stripe and DMOS technology. This technology specialized in
allowing a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC 5N90 is universally applied in high efficiency
switch mode power supply.
FEATURES
* RDS(ON) < 2.8Ω @ VGS=10V, ID=2.5A
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N90L-TA3-T
5N90G-TA3-T
TO-220
G
D
S
Tube
5N90L-TF3-T
5N90G-TF3-T
TO-220F
G
D
S
Tube
5N90L-TF1T
5N90G-TF1T
TO-220F1
G
D
S
Tube
5N90L-T2Q-T
5N90G-T2Q-T
TO-262
G
D
S
Tube
5N90L-TQ2-T
5N90G-TQ2-T
TO-263
G
D
S
Tube
5N90L-TQ2-R
5N90G-TQ2-R
TO-263
G
D
S
Tape Reel
5N90L-T3P-T
5N90G-T3P-T
TO-3P
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 5N90L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N90L-TF3-T UTC-5N90L-TF3-T Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90L-TF3-T UTC-5N90L-TF3-T Datasheet
190Kb / 5P
   5A, 900V N-CHANNEL POWER MOSFET
More results

Similar Description - 5N90L-TF3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com