Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL5001A-Q1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TL5001A-Q1_15 Datasheet HTML 1Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 2Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 3Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 4Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 5Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 6Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 7Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 8Page - Texas Instruments TL5001A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
OUTPUT TRANSISTOR
TL5001A-Q1
www.ti.com .............................................................................................................................................. SLVS603B – AUGUST 2005 – REVISED FEBRUARY 2009
The timer operates by charging an external capacitor (CSCP) connected between the SCP terminal and ground,
towards 2.5 V through a 185-k
Ω resistor (RSCP). The circuit begins charging from an initial voltage of
approximately 185 mV and times out when the capacitor voltage reaches 1 V. The output of SCP comparator 2
then goes high, turns on Q2, and latches the timer circuit. The expression for setting the SCP time period is
derived from Equation 3:
VSCP = (2.5 – 0.185) (1 – e
–t/
τ) + 0.185
(3)
Where
τ = R
SCPCSCP
The end of the time-out period (tSCP) occurs when VSCP = 1 V. Solving for CSCP yields Equation 4:
CSCP = 12.46 × tSCP
(4)
Where
t is in seconds, C is in
µF
tSCP must be much longer (generally 10 to 15 times) than the converter start-up period, or the converter will not
start.
The output of the TL5001A is an open-collector transistor with a maximum collector current rating of 21 mA and a
voltage rating of 51 V. The output is turned on under the following conditions: the oscillator triangle wave is lower
than both the DTC voltage and the error-amplifier output voltage, the UVLO circuit is inactive, and the
short-circuit protection circuit is inactive.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TL5001A-Q1


Similar Part No. - TL5001A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001A-Q1 TI1-TL5001A-Q1 Datasheet
231Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001A-Q1 TI1-TL5001A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com