Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5209 Datasheet(PDF) 8 Page - Texas Instruments

Part # TL5209
Description  TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL5209_15 Datasheet HTML 4Page - Texas Instruments TL5209_15 Datasheet HTML 5Page - Texas Instruments TL5209_15 Datasheet HTML 6Page - Texas Instruments TL5209_15 Datasheet HTML 7Page - Texas Instruments TL5209_15 Datasheet HTML 8Page - Texas Instruments TL5209_15 Datasheet HTML 9Page - Texas Instruments TL5209_15 Datasheet HTML 10Page - Texas Instruments TL5209_15 Datasheet HTML 11Page - Texas Instruments TL5209_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
0.1
0.2
0.3
0.4
0.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
3
6
9
12
15
18
VIN – Input Voltage – V
VIN = 3.5 V to 16 V
COUT = 4.7 µF
IL = 1 mA
TA = -40°C
TA = 125°C
TA = 25°C
0.01
0.1
1
10
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
VENB = 2 V
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
1M
0.01
0.1
1
10
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 1 µF
VENB = 2 V
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
1M
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 500 mA
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0
50 100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
TA = 25°C
TA = 125°C
TA = -40°C
TL5209
SLVS581B – SEPTEMBER 2006 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
Figure 15. Ground Current vs Supply Voltage
Figure 16. Output Voltage vs Load Current
Figure 17. Output Impedance vs Frequency
Figure 18. Output Impedance vs Frequency
Figure 19. Output Voltage vs Input Voltage
Figure 20. Load Regulation
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TL5209


Similar Part No. - TL5209_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209-18 TI-TL5209-18 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DCYR TI-TL5209-18DCYR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DR TI-TL5209-18DR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18KTTR TI-TL5209-18KTTR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
More results

Similar Description - TL5209_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com