Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1995T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TEA1995T
Description  GreenChip dual synchronous rectifier controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1995T Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA1995T Datasheet HTML 1Page - NXP Semiconductors TEA1995T Datasheet HTML 2Page - NXP Semiconductors TEA1995T Datasheet HTML 3Page - NXP Semiconductors TEA1995T Datasheet HTML 4Page - NXP Semiconductors TEA1995T Datasheet HTML 5Page - NXP Semiconductors TEA1995T Datasheet HTML 6Page - NXP Semiconductors TEA1995T Datasheet HTML 7Page - NXP Semiconductors TEA1995T Datasheet HTML 8Page - NXP Semiconductors TEA1995T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The TEA1995T is the first product of a new generation of Synchronous Rectifier (SR)
controller ICs for switched mode power supplies. It incorporates an adaptive gate drive
method for maximum efficiency at any load.
The TEA1995T is a dedicated controller IC for synchronous rectification on the secondary
side of resonant converters. It has two driver stages for driving the SR MOSFETs, which
rectify the outputs of the central tap secondary transformer windings. The two gate driver
stages have their own sensing inputs and operate independently.
The TEA1995T can also be used in multi-output flyback converters with the SR MOSFET
placed at the low side.
The TEA1995T is fabricated in a Silicon-On-Insulator (SOI) process.
2.
Features and benefits
2.1 Efficiency features
Adaptive gate drive for maximum efficiency at any load
Supply current in energy save operation below 200
A
2.2 Application features
Wide supply voltage range from 4.5 V to 38 V
Dual synchronous rectification for LLC resonant in SO8 package
Synchronous rectification for multi-output flyback converters
Supports 5 V operation with logic level SR MOSFETs
Differential inputs for sensing the drain and source voltages of each SR MOSFET
2.3 Control features
SR control without minimum on-time
Adaptive gate drive for fast turn-off at the end of conduction
UnderVoltage LockOut (UVLO) protection with active gate pull-down
TEA1995T
GreenChip dual synchronous rectifier controller
Rev. 1 — 30 July 2015
Product data sheet


Similar Part No. - TEA1995T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1995T NXP-TEA1995T Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
TEA1995T/1 NXP-TEA1995T/1 Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
TEA1995T NXP-TEA1995T_V01 Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
More results

Similar Description - TEA1995T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2096T NXP-TEA2096T Datasheet
257Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 1 - 9 September 2022
TEA2095TE NXP-TEA2095TE Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
TEA2095T NXP-TEA2095T Datasheet
235Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
TEA1995T NXP-TEA1995T_V01 Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
TEA2095TE NXP-TEA2095TE_V01 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com