Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1832LTS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1832LTS
Description  GreenChip SMPS control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1832LTS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1832LTS Datasheet HTML 4Page - NXP Semiconductors TEA1832LTS Datasheet HTML 5Page - NXP Semiconductors TEA1832LTS Datasheet HTML 6Page - NXP Semiconductors TEA1832LTS Datasheet HTML 7Page - NXP Semiconductors TEA1832LTS Datasheet HTML 8Page - NXP Semiconductors TEA1832LTS Datasheet HTML 9Page - NXP Semiconductors TEA1832LTS Datasheet HTML 10Page - NXP Semiconductors TEA1832LTS Datasheet HTML 11Page - NXP Semiconductors TEA1832LTS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TEA1832LTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 15 December 2014
8 of 23
NXP Semiconductors
TEA1832LTS
GreenChip SMPS control IC
7.5 Duty cycle control (pin CTRL)
Pin CTRL regulates the output power of the converter. This pin is connected to an internal
voltage source of 5.4 V via an internal resistor (typical resistance: 26 k
).
The CTRL pin voltage sets the peak current which is measured using the ISENSE pin
(see Section 7.8). At low output power, the switching frequency is reduced
(see Section 7.12). The maximum duty cycle is limited to 90 % (typical).
After eight consecutive converter strokes at maximum duty cycle, the restart protection is
activated. In a restart, the VCC capacitor is quickly discharged to the Vth(UVLO) level and
recharged to the start-up level from the high-voltage mains, before switching
recommences.
7.6 Slope compensation (pin CTRL)
A slope compensation circuit is integrated for CCM. The slope compensation guarantees
stable operation for duty cycles exceeding 50 %.
7.7 Overpower timer
A temporary overload situation is allowed. If Vsense (see Figure 1) set by pin CTRL
exceeds 400 mV, an internal timer is started. If the overload situation continues to exist for
more than 160 ms (typical), an OverPower Protection (OPP) is triggered (see Figure 7).
The TEA1832LTS activates the latched protection and enters power-down mode. To
prevent a restart when during a short circuit of the output VCC drops to below Vth(UVLO)
earlier than the OPP time-out is reached, this protection is also latched (see Section 7.2).
7.8 Current mode control (pin ISENSE)
Current mode control is used because it ensures a good line regulation.
Pin ISENSE senses the primary current across external resistor R6 and compares it with
an internal control voltage. The internal control voltage is proportional to the CTRL pin
voltage (see Figure 8).
Fig 7.
Overpower delay


Similar Part No. - TEA1832LTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1832TS PHILIPS-TEA1832TS Datasheet
242Kb / 23P
   GreenChip SMPS control IC
Rev. 1-16 December 2014
More results

Similar Description - TEA1832LTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com