Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1792TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1792TS
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1792TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1792TS Datasheet HTML 5Page - NXP Semiconductors TEA1792TS Datasheet HTML 6Page - NXP Semiconductors TEA1792TS Datasheet HTML 7Page - NXP Semiconductors TEA1792TS Datasheet HTML 8Page - NXP Semiconductors TEA1792TS Datasheet HTML 9Page - NXP Semiconductors TEA1792TS Datasheet HTML 10Page - NXP Semiconductors TEA1792TS Datasheet HTML 11Page - NXP Semiconductors TEA1792TS Datasheet HTML 12Page - NXP Semiconductors TEA1792TS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TEA1792TS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 29 January 2014
9 of 13
NXP Semiconductors
TEA1792TS
GreenChip synchronous rectifier controller
12. Package outline
Fig 6.
Package outline SOT457 (TSOP6)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Similar Part No. - TEA1792TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792T NXP-TEA1792T Datasheet
332Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-9 July 2012
More results

Similar Description - TEA1792TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com