Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IBF Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT86VL32IBF
Description  Halogen?릃ree Green
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IBF Datasheet(HTML) 1 Page - Exar Corporation

  XRT86VL32IBF Datasheet HTML 1Page - Exar Corporation XRT86VL32IBF Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Declaration
Statement of Materials, Construction
Product:  XRT86VL32IB‐F 
Package:      225L PBGA (19x19)
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
25.40
7440‐21‐3
25.4000
2.44
100.00
2
Die Attach
1.30
7440‐22‐4
0.4340
0.04
33.33
0.4340
0.04
33.33
0.1302
0.01
10.00
0.1302
0.01
10.00
0.1302
0.01
10.00
0.0434
0.00
3.33
3
Substrate
445.00
60676‐86‐0
48.9500
4.70
11.00
44.5000
4.27
10.00
35.6000
3.42
8.00
13676‐54‐5
66.7500
6.41
15.00
25722‐66‐1
77.8750
7.48
17.50
7440‐50‐8
161.9578
15.55
36.40
7440‐02‐0
6.6750
0.64
1.50
7440‐57‐5
2.4475
0.23
0.55
0.2448
0.02
0.06
4
Mold Compound
376.00
11.2800
1.08
3.00
6.5800
0.63
1.75
8.4600
0.81
2.25
8.4600
0.81
2.25
1333‐86‐4
0.7520
0.07
0.20
60676‐86‐0
321.6680
30.88
85.55
14808‐60‐7*1
18.8000
1.81
5.00
5
Solder Ball
187.00
7440‐31‐5
173.8165
16.69
92.95
7440‐22‐4
10.2850
0.99
5.50
7440‐50‐8
2.8985
0.28
1.55
6
Wire 
6.83
7440‐57‐5
6.8293
0.66
99.99
0.0007
0.00
0.01
Total Unit Weight:
1041.53
RoHS Certificate of Compliance
China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
Halogen‐free | Green
Cu
Gold
Acrylic
Epoxy
Bisphenol
Triazine
Sn
Ag
Epoxy resin 2
Hardener 1
Hardener 2
Silver
Epoxy Resin
Element/Compound
Silane
Additive
Bismaleimide monomer
Acrylate monomer
Material
Material Weight %
Component
Silicon
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
SiO2
Br
Epoxy resin 1
Copper
Nickel
Gold
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Allowable Limit           
(at homogenous material level)
EU RoHS Restricted Substance
Other
Amorphous silica
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Carbon Black
Crystal silica
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000369 Rev 000


Similar Part No. - XRT86VL32IBF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VL32IBF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP485EMNL EXAR-SP485EMNL Datasheet
158Kb / 1P
   Halogen?릃ree Green
SP809NEKL29 EXAR-SP809NEKL29 Datasheet
154Kb / 1P
   Halogen?릃ree Green
SP508EEFL EXAR-SP508EEFL Datasheet
158Kb / 1P
   Halogen?릃ree Green
SP336EEYL EXAR-SP336EEYL Datasheet
158Kb / 1P
   Halogen?릃ree Green
LP2951CSL50 EXAR-LP2951CSL50 Datasheet
164Kb / 1P
   Halogen?릃ree Green
CLC4007ITP14X EXAR-CLC4007ITP14X Datasheet
158Kb / 2P
   Halogen?릃ree Green
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
   Halogen?릃ree Green
S7100PHC4 EXAR-S7100PHC4 Datasheet
183Kb / 1P
   Halogen?릃ree Green
SP487CTL EXAR-SP487CTL Datasheet
158Kb / 1P
   Halogen?릃ree Green
SP706SENL EXAR-SP706SENL Datasheet
164Kb / 1P
   Halogen?릃ree Green
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com