Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7300IVTRF Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT7300IVTRF
Description  Flammability rating of UL 94?륷0
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7300IVTRF Datasheet(HTML) 1 Page - Exar Corporation

  XRT7300IVTRF Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material Declaration
Statement of Materials, Construction
Product:  XRT7300IVTR‐F 
Package:     44L TQFP (10x10)
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
4.6724
7440‐21‐3
4.6724
1.35
100.00
2Lead Fram
49.1808
7440‐50‐8
48.3172
13.96
98.24
7440‐66‐6
0.1082
0.03
0.22
7440‐22‐4
0.5095
0.15
1.04
7440‐31‐5
0.1230
0.04
0.25
7440‐47‐3
0.1230
0.04
0.25
3Die Attach
3.6341
7440‐22‐4
3.3070
0.96
91.00
0.1090
0.03
3.00
0.1090
0.03
3.00
0.1090
0.03
3.00
4Wire 
0.5192
7440‐57‐5
0.5191
0.15
99.99
0.0001
0.00
0.01
5Mold Compound
286.1901
60676‐86‐0
249.5578
72.11
87.20
21.4643
6.20
7.50
14.3095
4.13
5.00
1333‐86‐4
0.8586
0.25
0.30
6
Plating
1.9036
7440‐31‐5
1.9026
0.55
99.95
0.0010
0.00
0.05
Total Unit Weight:
346.1000
RoHS Certificate of Compliance
China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
Halogen‐free | Green
Flammability rating of UL 94‐V0 
MSL Pb‐Free:  L3 @ 260°C
Chiew Mee Foo, QA Manager
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be able 
to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain use any 
of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware of any 
conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Silver
Epoxy Resin B
Gold
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Allowable Limit                   (at 
homogenous material level)
EU RoHS Restricted Substance
Carbon Black
Synthetic resin
Epoxy Resin A
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Component
Silicon
Element/Compound
Cr
Material
Cu
Sn
Zn
Ag
Phenol Resin
Silica fused
Tin
Impurity
Material Weight %
Epoxy Resin
Impurity
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000389 Rev 000


Similar Part No. - XRT7300IVTRF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7300IV EXAR-XRT7300IV Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT7300IVTRF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
   Flammability rating of UL 94?륷0
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR75100ELF EXAR-XR75100ELF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
SP3232EETL EXAR-SP3232EETL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP2526A2ENL EXAR-SP2526A2ENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3072EMNL EXAR-SP3072EMNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3485CNL EXAR-SP3485CNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com