Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1716T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1716T
Description  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1716T Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1716T Datasheet HTML 1Page - NXP Semiconductors TEA1716T Datasheet HTML 2Page - NXP Semiconductors TEA1716T Datasheet HTML 3Page - NXP Semiconductors TEA1716T Datasheet HTML 4Page - NXP Semiconductors TEA1716T Datasheet HTML 5Page - NXP Semiconductors TEA1716T Datasheet HTML 6Page - NXP Semiconductors TEA1716T Datasheet HTML 7Page - NXP Semiconductors TEA1716T Datasheet HTML 8Page - NXP Semiconductors TEA1716T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TEA1716T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2012
5 of 47
NXP Semiconductors
TEA1716T
Resonant power supply control IC with PFC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
TEA1716T pin configuration
,&
&2033)&
616%2267
6160$,16
5&3527
616$8;3)&
66+%&(1
616&853)&
616)%
616287
616%8567
683,&
&)0,1
*$7(3)&
6*1'
3*1'
616&85+%&
6835(*
QF
*$7(/6
+%
QF
683+6
683+9
*$7(+6
DDD
























Table 2.
Pin description
Symbol
Pin
Description
COMPPFC
1
PFC controller frequency compensation; externally connected to filter
SNSMAINS
2
mains voltage sense input; externally connected to resistive divided mains
voltage
SNSAUXPFC
3
PFC demagnetization timing sense input; externally connected to auxiliary
winding of PFC
SNSCURPFC
4
PFC controller sense input for momentary current and soft-start; externally
connected to current sense resistor and soft-start filter
SNSOUT
5
sense input for monitoring the HBC output voltage; externally connected to
the auxiliary winding
SUPIC
6
SUPIC input low-voltage and output of internal HV start-up source;
externally connected to auxiliary winding of HBC or to external DC supply
GATEPFC
7
PFC MOSFET gate driver output
PGND
8
power ground; HBC low-side and PFC driver reference (ground)
SUPREG
9
regulated SUPREG IC supply; internal regulator output; input for drivers;
externally connected to SUPREG buffer capacitor
GATELS
10
HBC low-side MOSFET gate driver output
n.c.
11
not connected; high-voltage spacer.
SUPHV
12
internal HV start-up source source high-voltage supply input; externally
connected to boost voltage
GATEHS
13
HBC high-side MOSFET gate driver output
SUPHS
14
high-side driver supply input; externally connected to bootstrap capacitor
(CSUPHS)


Similar Part No. - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

Similar Description - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com