Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1716T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TEA1716T
Description  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1716T Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA1716T Datasheet HTML 1Page - NXP Semiconductors TEA1716T Datasheet HTML 2Page - NXP Semiconductors TEA1716T Datasheet HTML 3Page - NXP Semiconductors TEA1716T Datasheet HTML 4Page - NXP Semiconductors TEA1716T Datasheet HTML 5Page - NXP Semiconductors TEA1716T Datasheet HTML 6Page - NXP Semiconductors TEA1716T Datasheet HTML 7Page - NXP Semiconductors TEA1716T Datasheet HTML 8Page - NXP Semiconductors TEA1716T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1.
General description
The TEA1716T integrates a Power Factor Corrector (PFC) controller and a controller for a
Half-Bridge resonant Converter (HBC) in a multi-chip IC. It provides the drive function for
the discrete MOSFET in an up-converter and for the two discrete power MOSFETs in a
resonant half-bridge configuration.
Efficient PFC operation is achieved by implementing functions for Quasi-Resonant (QR)
operation at high-power levels and QR operation with valley skipping at lower power
levels. OverCurrent Protection (OCP), OverVoltage Protection (OVP) and
demagnetization sensing ensure safe operation under all conditions.
The HBC module is a high-voltage controller for a zero-voltage switching LLC resonant
converter. It contains a high-voltage level shift circuit and several protection circuits
including OCP, open-loop protection, capacitive mode protection and a general purpose
latched protection input.
The high-voltage chip is fabricated using a proprietary high-voltage Bipolar-CMOS-DMOS
power logic process enabling efficient direct start-up from the rectified universal mains
voltage. The low-voltage Silicon-On-Insulator (SOI) chip is used for accurate, high-speed
protection functions and control.
TEA1716T controlled PFC circuit and resonant converter are very flexible. It can be used
for a broad range of applications over a wide mains voltage range. Combining PFC and
HBC controllers in a single IC makes the TEA1716T ideal for controlling power supplies in
LCD and plasma televisions.
Using the TEA1716T highly efficient and reliable power supplies providing from 90 W to
500 W can be designed easily using the TEA1716T, with a minimum of external
components.
The integrated Burst mode and power management functionality of TEA1716T enable
resonant applications that meet the Energy Using Product Directive (EuP) lot 6
(< 0.5 W in Standby mode).
Remark: Unless otherwise stated, all values are typical.
TEA1716T
Resonant power supply control IC with PFC
Rev. 3 — 30 November 2012
Product data sheet


Similar Part No. - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

Similar Description - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com