Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1721DT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1721DT
Description  HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1721DT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1721DT Datasheet HTML 5Page - NXP Semiconductors TEA1721DT Datasheet HTML 6Page - NXP Semiconductors TEA1721DT Datasheet HTML 7Page - NXP Semiconductors TEA1721DT Datasheet HTML 8Page - NXP Semiconductors TEA1721DT Datasheet HTML 9Page - NXP Semiconductors TEA1721DT Datasheet HTML 10Page - NXP Semiconductors TEA1721DT Datasheet HTML 11Page - NXP Semiconductors TEA1721DT Datasheet HTML 12Page - NXP Semiconductors TEA1721DT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TEA1721DT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.1 — 7 June 2012
9 of 14
NXP Semiconductors
TEA1721DT
HV start-up flyback controller with integrated MOSFET for 5 W
Power switch (Pin: DRAIN)
Idrain(off)
off-state drain current
VDRAIN = 325 V
-
1
-
µA
RDSon
drain-source on-state
resistance
Tj =25 °C; Ids = 30 mA
13
15.5
17
V(BR)DS
drain-source
breakdown voltage
700
--V
Peak current comparator (Pin: SOURCE)
tPD
propagation delay time dV/dt = 0.2 V/µs
-
100
-
ns
tleb
leading edge blanking
time
290
325
360
ns
Vref-peak-high
reference voltage, high
peak voltage
maximum peak voltage in CV and CC
modes, without jitter
0.525
0.555
0.585
V
Vref-peak-low
reference voltage, low
peak voltage
in CVB mode
0.085
0.1
0.115
V
Vref-0 V
reference voltage at
start-up or 0 V
feedback voltage
in CC mode with VFBS = 0 V
0.18
0.21
0.24
V
Table 5.
Characteristics …continued
VCC = 20 V; VFB = 0 V; Rsource = 1.5 Ω; Tj-switch = 25 °C; Tj-controller = 25 °C; all voltages referenced to GND,
positive currents flow into the IC, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TEA1721DT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT NXP-TEA1721AT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT-N1 PHILIPS-TEA1721AT-N1 Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
TEA1721AT/N1 NXP-TEA1721AT/N1 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
More results

Similar Description - TEA1721DT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com