Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901DGNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4901DGNR
Description  TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4901DGNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4901DGNR Datasheet HTML 3Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 4Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 5Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 6Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 9Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 10Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
2500
2000
1500
1000
500
0
0
I
(mA)
OUT
150
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
15
30
45
60
75
90
105
120
135
0
V
(V)
EN
40
100
90
80
70
60
50
40
30
20
10
0
5
10
20
30
35
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
25
15
2500
2000
1500
1000
500
0
T =+25°C
J
10mA
50mA
100mA
150mA
0mA
0
V
(V)
IN
40
5
10
15
20
25
30
35
1200
1000
800
600
400
200
0
I
=100mA
OUT
+105°C
+85°C
+25°C
-
°
40
C
+125°C
0
V
(V)
IN
40
5
10
15
20
25
30
35
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
1.176
1.1775
1.179
1.1805
1.182
1.1835
1.185
1.1865
1.188
1.1895
1.191
TJ = -40GC
TJ = 25GC
TJ = 85GC
TJ = 105GC
TJ = 125GC
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
100
90
80
70
60
50
40
30
20
10
0
TPS7A49
www.ti.com
SBVS121E – AUGUST 2010 – REVISED MAY 2015
6.6 Typical Characteristics
At TJ = –40°C to 125°C, VIN = VOUT(nom) + 1 V or VIN = 3 V (whichever is greater), VEN = VIN, IOUT = 1 mA, CIN = 2.2 μF, COUT =
2.2
μF, CNR/SS = 0 nF, and the FB pin tied to OUT, unless otherwise noted. Typical values are at TA = 25°C.
Figure 2. Feedback Current vs Temperature
Figure 1. Feedback Voltage vs Input Voltage
Figure 3. Ground Current vs Input Voltage
Figure 4. Ground Current vs Input Voltage
Figure 5. Ground Current vs Output Current
Figure 6. Enable Current vs Enable Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS7A49


Similar Part No. - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results

Similar Description - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
   Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com